Electronic Components Datasheet Search
  English  ▼

X  

B66317 Datasheet(PDF) 1 Page - EPCOS

Part # B66317
Description  E 25/13/7 (EF 25) Core
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66317 Datasheet(HTML) 1 Page - EPCOS

  B66317 Datasheet HTML 1Page - EPCOS B66317 Datasheet HTML 2Page - EPCOS B66317 Datasheet HTML 3Page - EPCOS B66317 Datasheet HTML 4Page - EPCOS B66317 Datasheet HTML 5Page - EPCOS B66317 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
410 08/01
I In accordance with IEC 61246
I E cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 1,1 mm–1
le
= 57,5 mm
Ae
= 52,5 mm2
Amin = 51,5 mm2
Ve
= 3 020 mm3
Approx. weight 16 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N30
2900 + 30/– 20 % 2530
B66317-G-X130
N27
1750 + 30/– 20 % 1520 1440
< 0,59
(200 mT, 25 kHz, 100 °C)
B66317-G-X127
N87
1850 + 30/– 20 % 1620 1440
< 1,60
(200 mT, 100 kHz, 100 °C)
B66317-G-X187
Material
g
mm
AL value
approx.
nH
µe
Ordering code
** = 27 (N27)
= 87 (N87)
N27,
0,10
± 0,02
489
425
B66317-G100-X1**
N87
0,16
± 0,02
347
302
B66317-G160-X1**
0,25
± 0,02
250
218
B66317-G250-X1**
0,50
± 0,05
151
131
B66317-G500-X1**
1,00
± 0,05
91
79
B66317-G1000-X1**
B66317
Core
E 25/13/7 (EF 25)


Similar Part No. - B66317

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317 Datasheet
232Kb / 8P
Ferrites and accessories
B66317 EPCOS-B66317 Datasheet
323Kb / 10P
Ferrites and accessories
B66317G0000X127 EPCOS-B66317G0000X127 Datasheet
232Kb / 8P
Ferrites and accessories
B66317G0000X127 EPCOS-B66317G0000X127 Datasheet
471Kb / 8P
Ferrites and accessories
B66317G0000X127 EPCOS-B66317G0000X127 Datasheet
479Kb / 9P
Ferrites and accessories
More results

Similar Description - B66317

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66229 EPCOS-B66229 Datasheet
105Kb / 3P
E 32/16/9 (EF 32) Core
B66307 EPCOS-B66307 Datasheet
109Kb / 5P
E 16/8/5 (EF 16) Core
B66311 EPCOS-B66311 Datasheet
139Kb / 7P
E 20/10/6 (EF 20) Core
B66315 EPCOS-B66315 Datasheet
74Kb / 2P
E 25,4/10/7 Core
B66319 EPCOS-B66319 Datasheet
94Kb / 4P
E 30/15/7 Core
B66344 EPCOS-B66344 Datasheet
75Kb / 2P
E 55/28/25 Core
B66367 EPCOS-B66367 Datasheet
106Kb / 4P
ETD 49/25/16 Core
B66408 EPCOS-B66408 Datasheet
69Kb / 2P
EV 25/13/13 Core
B66421 EPCOS-B66421 Datasheet
86Kb / 3P
EFD 25/13/9 Core
logo
Hirose Electric
JR16PA-10S HIROSE-JR16PA-10S_1 Datasheet
569Kb / 11P
SHELL SIZE 13-25 ALUMINUM CONNECTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com