Electronic Components Datasheet Search
  English  ▼

X  

B66317 Datasheet(PDF) 5 Page - EPCOS

Part # B66317
Description  E 25/13/7 (EF 25) Core
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66317 Datasheet(HTML) 5 Page - EPCOS

  B66317 Datasheet HTML 1Page - EPCOS B66317 Datasheet HTML 2Page - EPCOS B66317 Datasheet HTML 3Page - EPCOS B66317 Datasheet HTML 4Page - EPCOS B66317 Datasheet HTML 5Page - EPCOS B66317 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
414 08/01
Coil former for SMPS transformers with line isolation
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5 s
Winding:
see “Processing Notes”, page 159
Squared pins
Yoke
Material:
Nickel silver (0,3 mm) with ground terminal
Coil former
Yoke
Coil former
Ordering code
Sections
AN
mm2
lN
mm
AR value
µΩ
Pins
1
56,9
69,2
41,8
9
B66208-K1009-T1
Yoke (ordering code per piece)
B66208-A2003
FEK0397-I
ø1,3+0,15
5
1
0,2
20,32
24
9
_
6
0,2
0,15
7,7
17,3
10 _
_
0,4
15,1
18,8 _
12,7
0,2
17,3
10
7,7
0,15
_
_
0,45
20,32
Hole arrangement
View in mounting direction
B66208
Accessories
E 25/13/7 (EF 25)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com