Electronic Components Datasheet Search
  English  ▼

X  

TMUX7208MPWR Datasheet(PDF) 29 Page - Texas Instruments

Part # TMUX7208MPWR
Description  TMUX7208M 44V, Latch-Up Immune, 8:1, 1-Channel Precision Multiplexers with 1.8V Logic
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX7208MPWR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMUX7208MPWR Datasheet HTML 25Page - Texas Instruments TMUX7208MPWR Datasheet HTML 26Page - Texas Instruments TMUX7208MPWR Datasheet HTML 27Page - Texas Instruments TMUX7208MPWR Datasheet HTML 28Page - Texas Instruments TMUX7208MPWR Datasheet HTML 29Page - Texas Instruments TMUX7208MPWR Datasheet HTML 30Page - Texas Instruments TMUX7208MPWR Datasheet HTML 31Page - Texas Instruments TMUX7208MPWR Datasheet HTML 32Page - Texas Instruments TMUX7208MPWR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TMUX7208M is part of the precision switches and multiplexers family of devices. These devices operate
with dual supplies (±4.5V to ±22V), a single supply (4.5V to 44V), or asymmetric supplies (such as VDD = 12 V,
VSS = –5V), and offer true rail-to-rail input and output. The TMUX7208M offers low RON, low on and off leakage
currents and ultra-low charge injection performance. These features makes the TMUX72xx a family of precision,
robust, high-performance analog multiplexers for high-voltage, industrial applications.
9.2 Typical Application
One example to take advantage of performance is the implementation of multiplexed data acquisition front end
for multiple input sensors. Applications such as analog input modules for programmable logic controllers (PLCs),
data acquisition (DAQ), and semiconductor test systems commonly need to monitor multiple signals into a single
ADC channel. The multiple inputs can come from different system voltages being monitored, or environmental
sensors such as temperature or humidity. Figure 9-1 shows a simplified example of monitoring multiple inputs
into a single ADC using a multiplexer.
Analog Inputs
LED
Photo
Detector
Bridge Sensor
Thermocouple
Current
Sensing
Optical Sensor
TMUX7208M
ADS8661
D
S1
S2
S3
S4
S5
S6
S7
S8
A0
A1
A2
GND
VDD +15 V
1.8V Logic
Control Signals
EN
VDD
VSS -15 V
±12V
Inputs
VDD +5 V
CFLT
RFLT
Figure 9-1. Multiplexed Data Acquisition Front End
www.ti.com
TMUX7208M
SCDS454 – JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TMUX7208M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com