Electronic Components Datasheet Search
  English  ▼

X  

TMUX7208MPWR Datasheet(PDF) 7 Page - Texas Instruments

Part # TMUX7208MPWR
Description  TMUX7208M 44V, Latch-Up Immune, 8:1, 1-Channel Precision Multiplexers with 1.8V Logic
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX7208MPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMUX7208MPWR Datasheet HTML 3Page - Texas Instruments TMUX7208MPWR Datasheet HTML 4Page - Texas Instruments TMUX7208MPWR Datasheet HTML 5Page - Texas Instruments TMUX7208MPWR Datasheet HTML 6Page - Texas Instruments TMUX7208MPWR Datasheet HTML 7Page - Texas Instruments TMUX7208MPWR Datasheet HTML 8Page - Texas Instruments TMUX7208MPWR Datasheet HTML 9Page - Texas Instruments TMUX7208MPWR Datasheet HTML 10Page - Texas Instruments TMUX7208MPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
6.7 ±15V Dual Supply: Switching Characteristics
VDD = +15V ± 10%, VSS = –15V ± 10%, GND = 0V (unless otherwise noted)
Typical at VDD = +15V, VSS = –15V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
tTRAN
Transition time from control input
VS = 10V
RL = 300Ω, CL = 35pF
Refer to Transition Time
25°C
140
195
ns
–40°C to +85°C
220
ns
–55°C to +125°C
240
ns
tON (EN)
Turn-on time from enable
VS = 10V
RL = 300Ω, CL = 35pF
Refer to Turn-on and Turn-off Time
25°C
140
195
ns
–40°C to +85°C
220
ns
–55°C to +125°C
240
ns
tOFF (EN)
Turn-off time from enable
VS = 10V
RL = 300Ω, CL = 35pF
Refer to Turn-on and Turn-off Time
25°C
200
268
ns
–40°C to +85°C
285
ns
–55°C to +125°C
298
ns
tBBM
Break-before-make time delay
VS = 10V,
RL = 300Ω, CL = 35pF
Refer to Break-Before-Make
25°C
60
ns
–40°C to +85°C
1
ns
–55°C to +125°C
1
ns
TON (VDD)
Device turn on time
(VDD to output)
VDD rise time = 1 µs
RL = 300Ω, CL = 35pF
Refer to Turn-on (VDD) Time
25°C
0.16
ms
–40°C to +85°C
0.17
ms
–55°C to +125°C
0.17
ms
tPD
Propagation delay
RL = 50Ω , CL = 5pF
Refer to Propagation Delay
25°C
1.8
ns
QINJ
Charge injection
VS = 0V, CL = 100pF
Refer to Charge Injection
25°C
3
pC
OISO
Off-isolation
RL = 50Ω , CL = 5pF
VS = 0V, f = 100kHz
Refer to Off Isolation
25°C
–82
dB
OISO
Off-isolation
RL = 50Ω , CL = 5pF
VS = 0V, f = 1MHz
Refer to Off Isolation
25°C
–62
dB
XTALK
Crosstalk
RL = 50Ω , CL = 5pF
VS = 0V, f = 100kHz
Refer to Crosstalk
25°C
–85
dB
XTALK
Crosstalk
RL = 50Ω , CL = 5pF
VS = 0V, f = 1MHz
Refer to Crosstalk
25°C
–65
dB
BW
–3dB Bandwidth
RL = 50Ω , CL = 5pF
VS = 0V
Refer to Bandwidth
25°C
30
MHz
IL
Insertion loss
RL = 50Ω , CL = 5pF
VS = 0V, f = 1MHz
25°C
–0.35
dB
ACPSRR
AC Power Supply Rejection Ratio
VPP = 0.62 V on VDD and VSS
RL = 50Ω , CL = 5pF,
f = 1MHz
Refer to ACPSRR
25°C
–74
dB
THD+N
Total Harmonic Distortion + Noise
VPP = 15V, VBIAS = 0V
RL = 10kΩ , CL = 5pF,
f = 20 Hz to 20kHz
Refer to THD + Noise
25°C
0.0003
%
CS(OFF)
Source off capacitance
VS = 0V, f = 1MHz
25°C
15
pF
CD(OFF)
Drain off capacitance
VS = 0V, f = 1MHz
25°C
135
pF
CS(ON),
CD(ON)
On capacitance
VS = 0V, f = 1MHz
25°C
185
pF
www.ti.com
TMUX7208M
SCDS454 – JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMUX7208M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com