Electronic Components Datasheet Search
  English  ▼

X  

SAM50FA Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SAM50FA
Description  0.5 AMP 5000 VOLTS 150 nsec HIGH VOLTAGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SAM50FA Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SAM50FA Datasheet HTML 1Page - Solid States Devices, Inc SAM50FA Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
SAM50FA
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
0
20
40
60
80
100
0
25
50
75
100
125
150
175
200
CASE OUTLINE:
TYPICAL OPERATING CURVES
END TAB TEMPERATURE (oC)
DIMENSIONS
DIM
MIN.
MAX.
A
---
.425"
B
---
.300"
C
1.10"
---
D
.047"
.05
85oC
DIMENSIONS
A
.170"
.205"
B
.290"
.450"
C
.020"
.035"
D
.002"
---



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com