Electronic Components Datasheet Search
  English  ▼

X  

SAM50FA Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SAM50FA
Description  0.5 AMP 5000 VOLTS 150 nsec HIGH VOLTAGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SAM50FA Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SAM50FA Datasheet HTML 1Page - Solid States Devices, Inc SAM50FA Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
0.5 AMP
5000 VOLTS
150 nsec
HIGH VOLTAGE
RECTIFIER
AXIAL
SAM50FA
Maximum Ratings
5000
3.0
15
µΑ
µΑ
500
300
mA
I
O
I
R
Volts
SYMBOL
UNITS
VALUE
PIV
I
FSM
25
Peak Inverse Voltage
Maximum Surge Current 1 Cycle
Average Rectified Current 25°C
100°C°
Maximum Reverse Current 25°C
100°C
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RV0033B
• Ultra Fast and Fast Recovery: 150 nsec maximum.
• Hermetically Sealed Surface Mount Package
• Void Free Construction
• Metallurgically Bonded
• 175° C Maximum Operating Temperature
• TX, TXV, and Space Level Screening Available
13
V
F
Maximum Forward Voltage
@ I
F = 500mA
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
SURFACE MOUNT
SQUARE TAB
Volts
Amps
Maximum Reverse Recovery Time
trr
150
nsec
Maximum Junction Capacitance
(fT = 1MHz @ 100 Volts)
CJ
10
pf
Typical Thermal Impedance (L = 3/8")
OJL/OJE
18
°C/W
NOTES:
1. Operating and testing over 10,000 V/inch may require encapsulation or immersion in a suitable dielectric material
2. Max. forward voltage measured with instantaneous forward pulse of 300usec minimum
3.
Max lead/end tab temp. for soldering is 250°C 3/8" from the case for 5 sec maximum
4. Operating and storage temperature: -65
°C to +175°C
5. Reverse recovery test conditions: IF = .5A, IR = 1A, IRR = .25A, TA = 25
°C


Similar Part No. - SAM50FA

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SAM50FA SSDI-SAM50FA Datasheet
79Kb / 2P
HIGH VOLTAGE RECTIFIER
SAM50FASMSS SSDI-SAM50FASMSS Datasheet
79Kb / 2P
HIGH VOLTAGE RECTIFIER
SAM50FASMSTX SSDI-SAM50FASMSTX Datasheet
79Kb / 2P
HIGH VOLTAGE RECTIFIER
SAM50FASMSTXV SSDI-SAM50FASMSTXV Datasheet
79Kb / 2P
HIGH VOLTAGE RECTIFIER
SAM50FA SSDI-SAM50FA_1 Datasheet
79Kb / 2P
HIGH VOLTAGE RECTIFIER
More results

Similar Description - SAM50FA

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SUM20F SSDI-SUM20F Datasheet
61Kb / 2P
0.5 AMPS 2000 - 5000 VOLTS 180 nsec HIGH VOLTAGE RECTIFIER
SUM20UF SSDI-SUM20UF Datasheet
157Kb / 2P
0.4 AMPS 2000 - 5000 VOLTS 60 nsec HIGH VOLTAGE ULTRA FAST RECTIFIER
15R6M SSDI-15R6M Datasheet
223Kb / 2P
50 AMP 150 VOLTS 50 nsec RECTIFIER
15R6CT-3 SSDI-15R6CT-3 Datasheet
209Kb / 2P
50 AMP 150 VOLTS 50 nsec CENTERTAP RECTIFIER
15R6CTN SSDI-15R6CTN Datasheet
228Kb / 2P
100 AMP 150 VOLTS 50 nsec CENTERTAP RECTIFIER
15R6N SSDI-15R6N Datasheet
219Kb / 2P
50 AMP 150 VOLTS 50 nsec RECTIFIER
SDR305 SSDI-SDR305 Datasheet
203Kb / 2P
30 AMP 50-150 VOLTS 50 nsec ULTRA FAST RECTIFIER
SDR4512M SSDI-SDR4512M Datasheet
169Kb / 2P
45 AMP 1200 VOLTS 80 nsec RECTIFIER
4R8S SSDI-4R8S Datasheet
188Kb / 2P
40 AMP 40-150 VOLTS 50 nsec RECTIFIER
SHM15F SSDI-SHM15F Datasheet
225Kb / 2P
50-250 mA 1500-14000 VOLTS 150-200 nsec HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com