Electronic Components Datasheet Search
  English  ▼

X  

SAB9075H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAB9075H
Description  Picture-in-Picture PIP controller for NTSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAB9075H Datasheet(HTML) 3 Page - NXP Semiconductors

  SAB9075H Datasheet HTML 1Page - NXP Semiconductors SAB9075H Datasheet HTML 2Page - NXP Semiconductors SAB9075H Datasheet HTML 3Page - NXP Semiconductors SAB9075H Datasheet HTML 4Page - NXP Semiconductors SAB9075H Datasheet HTML 5Page - NXP Semiconductors SAB9075H Datasheet HTML 6Page - NXP Semiconductors SAB9075H Datasheet HTML 7Page - NXP Semiconductors SAB9075H Datasheet HTML 8Page - NXP Semiconductors SAB9075H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
February 1995
3
Philips Semiconductors
Preliminary specification
Picture-in-Picture (PIP) controller for NTSC
SAB9075H
ORDERING INFORMATION
Note
1. When using IR reflow soldering it is recommended that the Drypack instructions in the
“Quality Reference Handbook”
(order number 9398 510 63011) are followed.
QUICK REFERENCE DATA
Notes
1. Digital clocks are silent and analog bias current is zero.
2. The internal system frequencies are 1728 times the input frequency. For more detailed information about the clock
generation see Section “PLLs and clock generation”.
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAB9075H QFP100(1) plastic quad flat package; 100 leads (lead length 1.95 mm);
body 14
× 20 × 2.8 mm
SOT317-2
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
all positive supply pins
4.5
5.0
5.5
V
Itot
total supply current
note 1
tbf
220
tbf
mA
fsys
system frequency
note 2
−
27
30
MHz
floop
loop bandwidth frequency
4
−−
kHz
tjitter
short term stability time
jitter during 1 line (64
µs)
−−
4ns
ς
damping factor
−
0.7
−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com