Electronic Components Datasheet Search
  English  ▼

X  

SAB9075H Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SAB9075H
Description  Picture-in-Picture PIP controller for NTSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAB9075H Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SAB9075H Datasheet HTML 30Page - NXP Semiconductors SAB9075H Datasheet HTML 31Page - NXP Semiconductors SAB9075H Datasheet HTML 32Page - NXP Semiconductors SAB9075H Datasheet HTML 33Page - NXP Semiconductors SAB9075H Datasheet HTML 34Page - NXP Semiconductors SAB9075H Datasheet HTML 35Page - NXP Semiconductors SAB9075H Datasheet HTML 36Page - NXP Semiconductors SAB9075H Datasheet HTML 37Page - NXP Semiconductors SAB9075H Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
February 1995
34
Philips Semiconductors
Preliminary specification
Picture-in-Picture (PIP) controller for NTSC
SAB9075H
DC CHARACTERISTICS FOR DIGITAL PART
All VDD pins = 4.5 to 5.5 V; Tamb = −20 to +75 °C; unless otherwise specified.
AC CHARACTERISTICS FOR DIGITAL PART
VDD = 4.5 5.5 V; Tamb = −20 to +75 °C; unless otherwise specified.
Note
1. The internal system frequencies are 1728 times the input frequency. For more detailed information about the clock
generation see section “PLLs and clock generation”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VIH
HIGH level input voltage
HPF01
70
−−
%VDD
HPP01
70
−−
%VDD
HUP07
80
−−
%VDD
VIL
LOW level input voltage
IOI41
70
−−
%VDD
HPF01
−−
30
%VDD
HPP01
−−
30
%VDD
HUP07
−−
20
%VDD
IOI41
−−
30
%VDD
Vhys
hysteresis voltage
HUP07
−
33
−
%VDD
VOH
HIGH level output voltage
OPF20; IOL = −2 mA; VDD = 4.5 V
4.4
−−
V
SPF20; IOL = −2 mA; VDD = 4.5 V
4.4
−−
V
VOL
LOW level output voltage
IOI41; IOL = +2 mA; VDD = 4.5 V
−−
0.15
V
OPF20; IOL = +2 mA; VDD = 4.5 V
−−
0.15
V
SPF20; IOL = +2 mA; VDD = 4.5 V
−−
0.15
V
ILI
input leakage current
HPF01
−
0.1
1
µA
HPP01
−
0.1
1
µA
ILOZ
three-state output leakage
current
IOI41; VDD = 5.5 V
−
0.2
5.0
µA
Rpu
internal pull up resistor
HUP07
17
−
134
k
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
fsys
system frequency
note 1
−
27
30
MHz
tr
rise time
VDD = 4.5 V
−
625
ns
tf
fall time
VDD = 4.5 V
−
625
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com