Electronic Components Datasheet Search
  English  ▼

X  

MAX2370 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX2370
Description  Complete 450MHz Quadrature Transmitter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2370 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX2370 Datasheet HTML 9Page - Maxim Integrated Products MAX2370 Datasheet HTML 10Page - Maxim Integrated Products MAX2370 Datasheet HTML 11Page - Maxim Integrated Products MAX2370 Datasheet HTML 12Page - Maxim Integrated Products MAX2370 Datasheet HTML 13Page - Maxim Integrated Products MAX2370 Datasheet HTML 14Page - Maxim Integrated Products MAX2370 Datasheet HTML 15Page - Maxim Integrated Products MAX2370 Datasheet HTML 16Page - Maxim Integrated Products MAX2370 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Complete 450MHz Quadrature Transmitter
______________________________________________________________________________________
13
BIT NAME
BIT
LOCATION
(0 = LSB)
TYPICAL
SETTINGS
FUNCTION
RESERVED
15
0
Reserved. Set to 0 for normal operation.
RCP_TURBO1
14
0
Works with RCP_TURBO2 (in the configuration register) to set the turbo
charge-pump mode (see Table 7).
ICP_MAX
13
0
0 = Normal operation.
1 = Sets IF charge-pump current to turbo level and keeps it there even after
lock is established. This mode provides the highest charge-pump current,
but effectively no turbo mode since current is already at maximum.
RESERVED
12, 11
01
Reserved. Set to 01 for normal operation.
RESERVED
10, 9
00
Reserved. Set to 00 for normal operation.
IFG
8, 7, 6
100
3-bit gain balancing control. Increases IF gain by approximately 2dB per
LSB. Provides a means for adjusting balance between RF and IF gain for
optimized linearity.
RESERVED
5
0
Reserved. Set to 0 for normal operation.
BUF_EN
4
0
LO buffer enable.
0 = LO buffer off.
1 = LO buffer on.
MOD_TYPE
3
1
Selects type of modulation.
0 = Selects direct VCO modulation (IF VCO is directly modulated and the
I/Q modulator is bypassed).
1 = Selects quadrature modulation.
STBY
21
Standby control.
0 = Shuts down everything except the registers and serial interface.
1 = Normal operation.
TXSTBY
11
Transmitter standby control.
0 = Shuts down the modulator and upconverter leaving PLLs locked and
registers active. This bit’s functionality is equivalent to that of the
TX_GATE pin.
1 = Normal operation.
SHDN_BIT
0
1
Shutdown control.
0 = Shuts down everything except the serial interface.
1 = Normal operation.
Table 2. Operation Control Register (OPCTRL, Address: 0100b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com