Electronic Components Datasheet Search
  English  ▼

X  

MAX2370 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2370
Description  Complete 450MHz Quadrature Transmitter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2370 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2370 Datasheet HTML 2Page - Maxim Integrated Products MAX2370 Datasheet HTML 3Page - Maxim Integrated Products MAX2370 Datasheet HTML 4Page - Maxim Integrated Products MAX2370 Datasheet HTML 5Page - Maxim Integrated Products MAX2370 Datasheet HTML 6Page - Maxim Integrated Products MAX2370 Datasheet HTML 7Page - Maxim Integrated Products MAX2370 Datasheet HTML 8Page - Maxim Integrated Products MAX2370 Datasheet HTML 9Page - Maxim Integrated Products MAX2370 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Complete 450MHz Quadrature Transmitter
6
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
RFOUT
Transmitter RF Output. This open-collector output requires a pullup inductor to the supply voltage,
which can be part of the output matching network.
2, 10, 11, 16,
17, 32–35,
43, 47
N.C.
No Connection. Leave these pins open-circuit. Some of these pins are internally connected.
3LOCK
Open-Drain Output Indicating LOCK Status of the IF and/or the RF PLLs. Requires an external
pullup resistor. Control using configuration register bits LD_MODE[1:0].
4VCCDRV
Power Supply for the RF Driver Stage. Bypass to PC board ground with a capacitor placed as
close to the pin as possible. Do not share capacitor ground vias with other ground connections.
5
IDLE
Digital Input. Drive to logic-high for normal operation. Logic-low on IDLE shuts down everything
except the RF PLL. A small RC lowpass filter can be used to filter digital noise.
6VCC
Power Supply for the Upconverter Stage. Bypass to PC board ground with a capacitor placed as
close to the pin as possible. Do not share capacitor ground vias with other ground connections.
7
TXGATE
Digital Input. Drive to logic-high for normal operation. Logic-low on TXGATE shuts down everything
except the RF PLL, IF PLL, IF VCO. A small RC lowpass can be used to filter digital noise.
8, 9
IFIN+, IFIN-
Differential IF Inputs to the RF Upconverter. IFIN+ and IFIN- are internally biased to typically VCC -
1.5V. The input impedance for this port is nominally 400
Ω differential. AC-couple the output of the
differential IF filter to this port. Keep the differential lines as short as possible to minimize the
effects of stray pickup.
12
RBIAS
Bias Resistor Connection. Internally biased to typically 1.18V. An external resistor must be
connected from RBIAS to ground to set the bias current for the upconverters and PA driver
stages. The nominal resistor value is 10k
Ω. This value can be altered to optimize the linearity of
the driver stage.
Typical Operating Characteristics (continued)
(MAX2370 EV kit, VCC_ = SHDN = IDLE = TXGATE = CS = 3.0V, fREF = 19.2MHz, LO input power = -15dBm, fLO = 575MHz, fRFOUT =
455MHz, fIF = 120MHz, RBIAS = 10k
Ω, VGC = 2.5V, registers set according to Table 1, input voltage at I and Q = 130mVRMS differential,
TA = +25°C, unless otherwise noted.)
-90
-70
-80
-50
-60
-30
-40
-20
0
-10
10
FREQUENCY
RF OUTPUT SPECTRUM
POUT = +8dBm
CENTER: 455MHz, SPAN: 5MHz, RBW: 30kHz
-100
-80
-90
-60
-70
-50
-40
-20
-30
-10
239.8
239.9
240.0
240.1
240.2
240.3
IF LOCAL OSCILLATOR SPECTRUM
FREQUENCY (MHz)
PREF = -10dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com