Electronic Components Datasheet Search
  English  ▼

X  

SAB9079HS Datasheet(PDF) 30 Page - NXP Semiconductors

Part # SAB9079HS
Description  Multistandard Picture-In-Picture PIP controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAB9079HS Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button SAB9079HS Datasheet HTML 26Page - NXP Semiconductors SAB9079HS Datasheet HTML 27Page - NXP Semiconductors SAB9079HS Datasheet HTML 28Page - NXP Semiconductors SAB9079HS Datasheet HTML 29Page - NXP Semiconductors SAB9079HS Datasheet HTML 30Page - NXP Semiconductors SAB9079HS Datasheet HTML 31Page - NXP Semiconductors SAB9079HS Datasheet HTML 32Page - NXP Semiconductors SAB9079HS Datasheet HTML 33Page - NXP Semiconductors SAB9079HS Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
2000 Jan 13
30
Philips Semiconductors
Preliminary specification
Multistandard Picture-In-Picture (PIP)
controller
SAB9079HS
EXTRA DECODER SETTINGS
ClDel and ClPer
XXClDel sets the delay from the rising edge of the
HSYNC/burstkey to the beginning of the internally
generated clamp pulse for signal XX in steps of 1 pixel.
XXClPer sets the pulse width of the internally generated
clamp pulse in steps of 1 pixel.
FidPos
Bit Fidpos defines the position of the field identification
window. The purpose is to set it so that the incoming
VSYNC is halfway up the window. This allows a spread of
1
⁄4 line for the VSYNC (VCR and/or less sophisticated
decoder types) in steps of 2 pixels.
VGate
XVGate disables the detection of a next VSYNC for a
number of lines, after detecting an initial one in steps of
1 line.
SmlPal
If this bit is set to logic 1, the vertical acquisition and
display window for PAL is decreased from 276 lines to
258 lines
TGAct1, TGAct2, TColBar, TGenY, TGenU and TGenV
For test purposes, a built-in colour bar/ramp generator is
available which replaces the ADC digital output data. This
test generator is enabled if TGAct1 and TGAct2 are both
set to logic 1, and is disabled when TGAct2 is set to logic 0
(it is recommended to set TGAct1 to logic 1). The test
pattern (common for main and sub channels) is set to
colour bar if TColBar is set to logic 1 and set to a ramp if
TColBar is set to logic 0. Both patterns start at a HSYNC
pulse. By use of bit(s) TGenX (active logic 1) the
Y, U and V of the pattern can be controlled independently.
Table 25 Extra decoder settings
SUB
ADDRESS
DATA BYTES
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
4FH
SYClDel(7 : 0)
50H
SUClDel(7 : 0)
51H
SVClDel(7 : 0)
52H
−−
SYClPer(5 : 0)
53H
−−
SUClPer(5 : 0)
54H
−−
SVClPer(5 : 0)
55H
SFidPos(7 : 0)
56H
−−
SVGATE(5 : 0)
57H
MYClDel(7 : 0)
58H
MUClDel(7 : 0)
59H
MVClDel(7 : 0)
5AH
−−
MYClPer(5 : 0)
5BH
−−
MUClPer(5 : 0)
5CH
−−
MVClPer(5 : 0)
5DH
MFidPos(7 : 0)
5EH
−−
MVGATE(5 : 0)
5FH
SmlPal
−
TGAct1
TGAct2
TColBar
TGenY
TGenU
TGenV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com