Electronic Components Datasheet Search
  English  ▼

X  

SAB9079HS Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SAB9079HS
Description  Multistandard Picture-In-Picture PIP controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAB9079HS Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SAB9079HS Datasheet HTML 28Page - NXP Semiconductors SAB9079HS Datasheet HTML 29Page - NXP Semiconductors SAB9079HS Datasheet HTML 30Page - NXP Semiconductors SAB9079HS Datasheet HTML 31Page - NXP Semiconductors SAB9079HS Datasheet HTML 32Page - NXP Semiconductors SAB9079HS Datasheet HTML 33Page - NXP Semiconductors SAB9079HS Datasheet HTML 34Page - NXP Semiconductors SAB9079HS Datasheet HTML 35Page - NXP Semiconductors SAB9079HS Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
2000 Jan 13
32
Philips Semiconductors
Preliminary specification
Multistandard Picture-In-Picture (PIP)
controller
SAB9079HS
ANALOG CHARACTERISTICS
VDDD(P) = 5.0 V; VDDD(C) = 3.3 V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYPE
MAX.
UNIT
Supplies
VDDD(P)n
all digital supply voltages for
the peripheral
4.5
5.0
5.5
V
VDDD(C)n
all digital supply voltages for
the core
3.0
3.3
3.6
V
VDDA
analog supply voltages
3.0
3.3
3.6
V
VSS(n)
all ground voltages
−
0
−
V
∆VDD(max)
maximum difference
between supply voltages
−
0
100
mV
∆V
SS(max)
maximum difference
between ground voltages
−
0
100
mV
IDDD(q)
quiescent current of digital
supply voltages
note 1
−
050
µA
IVDDA(MP)
main PLL analog supply
current
−
0.4
−
mA
IVDDA(SP)
sub PLL analog supply
current
−
0.4
−
mA
IVDDA(MA)
main ADCs supply current
note 2
−
78
96
mA
IVDDA(SA)
sub ADCs supply current
note 2
−
78
96
mA
IVDDA(DA)
DACs supply current
note 3
−
10
17
mA
IDDA(tot)
total analog supply current
−
170
210
mA
IDDD(tot)
total digital supply current
−
115
−
mA
Analog-to-digital converter and clamping
VVref(T)(SA/MA) top reference voltage
note 4
2.65
2.82
2.95
V
VVref(B)(SA/MA) bottom reference voltage
note 4
0.95
1.08
1.20
V
ViY(p-p)
input signal amplitude
(peak-to-peak value)
note 5
−
1.00
1.04
V
ViV(p-p)
input signal amplitude
(peak-to-peak value)
note 5
−
1.05
1.10
V
ViU(p-p)
input signal amplitude
(peak-to-peak value)
note 5
−
1.33
1.38
V
Ii
input current
clamping off
−
0.1
−µA
clamping on; note 2
−
55
−µA
Ci
input capacitance
−
5
−
pF
fs
sample frequency
note 6
−
896xHSYNC
−
kHz
RES
resolution
note 2
8
8
8
bit
DNL
differential non-linearity
note 2
−1.4
−
+1.4
LSB
INL
integral non-linearity
note 2
−2.0
−
+2.0
LSB
αcs
channel separation
−
48
−
dB
PSRR
power supply rejection ratio
−
48
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com