| Electronic Components Datasheet Search |
|
MAX6621 Datasheet(PDF) 14 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX6621 Datasheet(HTML) 14 Page - Maxim Integrated Products |
|
14 / 18 page ![]() specified register. These write and read transmissions can be joined using a repeated START even though the MAX6621 7-bit slave address needs to be present pre- ceding the R/W bits. Start and Stop Conditions Both SCL and SDA remain high when the interface is not busy. A master signals the beginning of a transmis- sion with a START (S) condition by transitioning SDA from high to low while SCL is high. When the master has finished communicating with the slave, it issues a STOP (P) condition by transitioning SDA from low to high while SCL is high. The bus is then free for another transmission (Figure 6). Data Transfer and Acknowledge One data bit is transferred during each clock pulse. The data on SDA must remain stable while SCL is high (Figure 7). The acknowledge bit is a clocked 9th bit that the recipi- ent uses to handshake receipt of each byte of data (Figure 8). Thus, each byte transferred effectively requires 9 bits. The master generates the 9th clock pulse, and the recipient pulls down SDA during the acknowledge clock pulse so that the SDA line is stable low during the high period of the clock pulse. When the master is transmitting to the MAX6621, the MAX6621 generates the acknowledge bit because the MAX6621 is the recipient. When the MAX6621 is transmitting to the master, the master generates the acknowledge bit because the master is the recipient. Slave Address The MAX6621 has a 7-bit long slave address (Figure 9). The 8th bit following the 7-bit slave address is the R/W bit. The R/W bit is low for a write command and high for a read command. PECI-to-I2C Translator 14 ______________________________________________________________________________________ SDA SCL START CONDITION STOP CONDITION S P Figure 6. Start and Stop Conditions SDA SCL DATA LINE STABLE; DATA VALID CHANGE OF DATA ALLOWED Figure 7. Bit Transfer SCL SDA BY TRANSMITTER CLOCK PULSE FOR ACKNOWLEDGEMENT START CONDITION SDA BY RECEIVER 12 89 S Figure 8. Acknowledge 1 00 0 1 A1 A0 R/W ACK SDA SCL MSB LSB Figure 9. Slave Address |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |