Electronic Components Datasheet Search
  English  ▼

X  

MAX6621 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6621
Description  PECI-to-I2C Translator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6621 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6621 Datasheet HTML 1Page - Maxim Integrated Products MAX6621 Datasheet HTML 2Page - Maxim Integrated Products MAX6621 Datasheet HTML 3Page - Maxim Integrated Products MAX6621 Datasheet HTML 4Page - Maxim Integrated Products MAX6621 Datasheet HTML 5Page - Maxim Integrated Products MAX6621 Datasheet HTML 6Page - Maxim Integrated Products MAX6621 Datasheet HTML 7Page - Maxim Integrated Products MAX6621 Datasheet HTML 8Page - Maxim Integrated Products MAX6621 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
PECI-to-I2C Translator
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(
Typical Application Circuit, VCC = +3V to +3.6V, VREF = +0.95V to +1.26V, TA = -20°C to +120°C, unless otherwise noted. Typical
values are at VCC = +3.3V, VREF = +1.0V, TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages with respect to GND.)
VCC ..........................................................................-0.3V to +4V
AD0, RESET, ALERT...................................-0.3V to (VCC + 0.3V)
SCL, SDA .................................................................-0.3V to +6V
VREF .........................................................................-0.3V to +4V
PECI .........................................................-0.3V to (VREF + 0.3V)
DC Current through SDA ...................................................10mA
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 5.6mW/°C over TA = +70°C)......444mW
Operating Temperature Range .........................-20°C to +120°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
Operating Supply Voltage
VCC
3.0
3.6
V
Operating Supply Current
ICC
SCL = 400kHz
4
7
mA
Power-On-Reset Voltage
VPOR
2.60
2.95
V
INPUT SCL, INPUT/OUTPUT SDA
Low-Level Input Voltage
VIL
0.3
x VCC
V
High-Level Input Voltage
VIH
0.7
x VCC
5.5
V
Low-Level Output Voltage
VOL
IOL = 6mA
0.4
V
Leakage Current
IL
-1
+1
µA
Input Capacitance
CI
10
pF
ALERT
Low-Level Output Voltage
VOL
IOL = 6mA
0.4
V
ADDRESS INPUT A0/RST
Low-Level Input Voltage
VIL
0.3
x VCC
V
High-Level Input Voltage
VIH
0.7
x VCC
VCC
+ 0.3
V
Leakage Current
IL
-2
+2
µA
Input Capacitance
CI
10
pF
PECI
Supply Voltage to PECI Cell
VREF
0.95
1.26
V
Input Voltage Range
VIN
-0.3
VREF
+ 0.3
V
Low-Level Input Voltage
Threshold
VIL
0.275
x VREF
0.500
x VREF
V
High-Level Input Voltage
Threshold
VIH
0.550
x VREF
0.725
x VREF
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com