Electronic Components Datasheet Search
  English  ▼

X  

SAF7113H Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SAF7113H
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7113H Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SAF7113H Datasheet HTML 9Page - NXP Semiconductors SAF7113H Datasheet HTML 10Page - NXP Semiconductors SAF7113H Datasheet HTML 11Page - NXP Semiconductors SAF7113H Datasheet HTML 12Page - NXP Semiconductors SAF7113H Datasheet HTML 13Page - NXP Semiconductors SAF7113H Datasheet HTML 14Page - NXP Semiconductors SAF7113H Datasheet HTML 15Page - NXP Semiconductors SAF7113H Datasheet HTML 16Page - NXP Semiconductors SAF7113H Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
2000 May 08
13
Philips Semiconductors
Product specification
9-bit video input processor
SAF7113H
10
+ CLAMP
− CLAMP
NO CLAMP
10
10
01
10
MGC647
fast
− GAIN
slow
+ GAIN
+ GAIN
− GAIN
HCL
HSY
ADC
SBOT
WIPE
CLL
ANALOG INPUT
GAIN ->
<- CLAMP
VBLK
NO BLANKING ACTIVE
10
Fig.8 Clamp and gain flow.
WIPE = white peak level (254); SBOT = sync bottom level (1); CLL = clamp level [60 Y (128 C)];
HSY = horizontal sync pulse; HCL = horizontal clamp pulse.
8.3
Chrominance processing
The 9-bit chrominance signal is fed to the multiplication
inputs of a quadrature demodulator, where two subcarrier
signals from the local oscillator DTO1 are applied
(0 and 90
° phase relationship to the demodulator axis).
The frequency is dependent on the present colour
standard. The output signals of the multipliers are
low-pass filtered (four programmable characteristics) to
achieve the desired bandwidth for the colour difference
signals (PAL, NTSC) or the 0 and 90
° FM signals
(SECAM).
The colour difference signals are fed to the
Brightness/Contrast/Saturation block (BCS), which
includes the following five functions:
• AGC (automatic gain control for chrominance
PAL and NTSC)
• Chrominance amplitude matching (different gain factors
for (R
− Y) and (B − Y) to achieve ITU-R BT.601 levels
CR and CB for all standards)
• Chrominance saturation control
• Luminance contrast and brightness
• Limiting YUV to the values 1 (minimum) and 254
(maximum) to fulfil ITU-R BT.601 requirements.
The SECAM-processing contains the following blocks:
• Baseband ‘bell’ filters to reconstruct the amplitude and
phase equalized 0 and 90
° FM signals
• Phase demodulator and differentiator
(FM-demodulation)
• De-emphasis filter to compensate the pre-emphasized
input signal, including frequency offset compensation
(DB or DR white carrier values are subtracted from the
signal, controlled by the SECAM switch signal).
The burst processing block provides the feedback loop of
the chrominance PLL and contains:
• Burst gate accumulator
• Colour identification and killer
• Comparison nominal/actual burst amplitude (PAL/NTSC
standards only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com