Electronic Components Datasheet Search
  English  ▼

X  

SAF7113H Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SAF7113H
Description  9-bit video input processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7113H Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SAF7113H Datasheet HTML 30Page - NXP Semiconductors SAF7113H Datasheet HTML 31Page - NXP Semiconductors SAF7113H Datasheet HTML 32Page - NXP Semiconductors SAF7113H Datasheet HTML 33Page - NXP Semiconductors SAF7113H Datasheet HTML 34Page - NXP Semiconductors SAF7113H Datasheet HTML 35Page - NXP Semiconductors SAF7113H Datasheet HTML 36Page - NXP Semiconductors SAF7113H Datasheet HTML 37Page - NXP Semiconductors SAF7113H Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
2000 May 08
34
Philips Semiconductors
Product specification
9-bit video input processor
SAF7113H
8.11
RTCO output
The real-time control and status output signal contains
serial information about the actual system clock
(increment of the HPLL), subcarrier frequency, increment
and phase (via reset) of the FSC-PLL and PAL sequence
bit. The signal can be used for various applications in
external circuits, e.g. in a digital encoder to achieve clean
encoding. The SAF7113H supports RTC level 3.1 (see
external document
“RTC Functional Description”, available
on request).
8.12
RTS0, RTS1 terminals
These two pins are multi functional inputs/output
controlled by I2C-bus bits RTSE03 to RTSE00 and
RTSE13 to RTSE10, located in subaddress 12H;
see Tables 49 and 50.
The RTS0 terminal can be strapped to ground via a 3.3 k
Ω
resistor to change the I2C-bus slave address from default
4AH/4BH to 48H/49H (the strapping information is read
only during the reset sequence).
The RTS1 terminal can be configured as Data Output to
3-state (DOT) input by RTSE13 to RTSE10 = 0000 to
control the VPO port (bits 7 to 0) via hardware according
to Table 19.
Table 19 Digital output control via RTS1 (enabled by bits
RTSE13 to RTSE10 = 0)
9
BOUNDARY SCAN TEST
The SAF7113H has built in logic and 5 dedicated pins to
support boundary scan testing which allows board testing
without special hardware (nails). The SAF7113H follows
the
“IEEE Std. 1149.1 - Standard Test Access Port and
Boundary-Scan Architecture” set by the Joint Test Action
Group (JTAG) chaired by Philips.
The 5 special pins are Test Mode Select (TMS), Test
Clock (TCK), Test Reset (TRST), Test Data Input (TDI)
and Test Data Output (TDO).
The BST functions BYPASS, EXTEST, INTEST,
SAMPLE, CLAMP and IDCODE are all supported
(see Table 20). Details about the JTAG BST-TEST can be
found in the specification “
IEEE Std. 1149.1”. A file
containing the detailed Boundary Scan Description
Language (BSDL) description of the SAF7113H is
available on request.
OEYC
DOT
(RTS1)
VPO7 TO VPO0
00
Z
1
0
active
01
Z
11
Z
Table 20 BST instructions supported by the SAF7113H
INSTRUCTION
DESCRIPTION
BYPASS
This mandatory instruction provides a minimum length serial path (1 bit) between TDI and TDO
when no test operation of the component is required.
EXTEST
This mandatory instruction allows testing of off-chip circuitry and board level interconnections.
SAMPLE
This mandatory instruction can be used to take a sample of the inputs during normal operation of
the component. It can also be used to preload data values into the latched outputs of the
boundary scan register.
CLAMP
This optional instruction is useful for testing when not all ICs have BST. This instruction addresses
the bypass register while the boundary scan register is in external test mode.
IDCODE
This optional instruction will provide information on the components manufacturer, part number and
version number.
INTEST
This optional instruction allows testing of the internal logic (no support for customers available).
USER1
This private instruction allows testing by the manufacturer (no support for customers available).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com