Electronic Components Datasheet Search
  English  ▼

X  

AM263P4 Datasheet(PDF) 150 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P4 Datasheet(HTML) 150 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 146Page - Texas Instruments AM263P4 Datasheet HTML 147Page - Texas Instruments AM263P4 Datasheet HTML 148Page - Texas Instruments AM263P4 Datasheet HTML 149Page - Texas Instruments AM263P4 Datasheet HTML 150Page - Texas Instruments AM263P4 Datasheet HTML 151Page - Texas Instruments AM263P4 Datasheet HTML 152Page - Texas Instruments AM263P4 Datasheet HTML 153Page - Texas Instruments AM263P4 Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 164 page
background image
8 Applications, Implementation, and Layout
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Device Connection and Layout Fundamentals
8.1.1 External Oscillator
For more information about External Oscillators, see the Input Clocks / Oscillators section.
8.1.2 JTAG, EMU, and TRACE
Texas Instruments supports a variety of eXtended Development System (XDS) JTAG controllers with various
debug capabilities beyond only JTAG support. A summary of this information is available in the XDS Target
Connection Guide.
For recommendations on JTAG, EMU, and TRACE routing, see the Emulation and Trace Headers Technical
Reference Manual
8.1.3 OSPI Connections for Flash-in-Package (ZCZ_F)
The ZCZ_F packages offers an internally connected on-die OSPI flash module (ISSI IS25LX064-LWLA3 OSPI
Flash device). Due to the internal connections, the ZCZ_F package comes with additional pin connection
requirements. Please reference Pin Connectivity Requirements for pin connectivity requirements and ball
names.
• The OSPI_D2 signal (pin L1) doubles as the active low Write Protect input for the internally connected flash
device. Therefore, pin L1 must be connected to the relevant source (VDDS33) through a separate 4.7kΩ
external pull resistor. This resistor must be placed as close to the device as possible.
• The OSPI_RESET_OUT0 signal (pin J3) must be connected to an open-drain equivalent of PORz in order
to reset the on-die OSPI flash module. The open-drain requirement is to prevent a bus contention between
the external PORz connection via pin J3 and the package internal connection between the AM263P and the
OSPI flash device.
• The remaining pins internally connected for the on-die OSPI flash module should be left unconnected with no
PCB traces:
– H1
– J1
– J4
– K2
– K3
– K4
– L2
– M1
– M4
– P1
– P3
Pleased see ZCZ_F Package OSPI Connection Requirements for a visualization of the necessary connections.
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
150
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com