Electronic Components Datasheet Search
  English  ▼

X  

AM263P4 Datasheet(PDF) 48 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P4 Datasheet(HTML) 48 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 44Page - Texas Instruments AM263P4 Datasheet HTML 45Page - Texas Instruments AM263P4 Datasheet HTML 46Page - Texas Instruments AM263P4 Datasheet HTML 47Page - Texas Instruments AM263P4 Datasheet HTML 48Page - Texas Instruments AM263P4 Datasheet HTML 49Page - Texas Instruments AM263P4 Datasheet HTML 50Page - Texas Instruments AM263P4 Datasheet HTML 51Page - Texas Instruments AM263P4 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 164 page
background image
5.3.1 ADC
Table 5-2. ADC0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
ADC0_AIN0
I
ADC Analog Input 0 (+IN0)
CMPSSA0: inH (+IN)
V15
V15
V15
ADC0_AIN1
I
ADC Analog Input 1 (-IN0)
CMPSSA0: inL (-IN)
U15
U15
U15
ADC0_AIN2
I
ADC Analog Input 2 (+IN1)
CMPSSA1: inH (+IN)
T14
T14
T14
ADC0_AIN3
I
ADC Analog Input 3 (-IN1)
CMPSSA1: inL (-IN)
U14
U14
U14
ADC0_AIN4
I
ADC Analog Input 4 (+IN2)
CMPSSB0: inH/inL (+IN/-IN)
U13
U13
U13
ADC0_AIN5
I
ADC Analog Input 5 (-IN2)
CMPSSB1: inH/inL (+IN/-IN)
R14
R14
R14
Table 5-3. ADC1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
ADC1_AIN0
I
ADC Analog Input 0 (+IN0)
CMPSSA2: inH (+IN)
T11
T11
T11
ADC1_AIN1
I
ADC Analog Input 1 (-IN0)
CMPSSA2: inL (-IN)
U11
U11
U11
ADC1_AIN2
I
ADC Analog Input 2 (+IN1)
CMPSSA3: inH (+IN)
T12
T12
T12
ADC1_AIN3
I
ADC Analog Input 3 (-IN1)
CMPSSA3: inL (-IN)
V12
V12
V12
ADC1_AIN4
I
ADC Analog Input 4 (+IN2)
CMPSSB2: inH/inL (+IN/-IN)
U12
U12
U12
ADC1_AIN5
I
ADC Analog Input 5 (-IN2)
CMPSSB3: inH/inL (+IN/-IN)
R12
R12
R12
Table 5-4. ADC2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
ADC2_AIN0
I
ADC Analog Input 0 (+IN0)
CMPSSA4: inH (+IN)
R10
R10
R10
ADC2_AIN1
I
ADC Analog Input 1 (-IN0)
CMPSSA4: inL (-IN)
T10
T10
T10
ADC2_AIN2
I
ADC Analog Input 2 (+IN1)
CMPSSA5: inH (+IN)
U10
U10
U10
ADC2_AIN3
I
ADC Analog Input 3 (-IN1)
CMPSSA5: inL (-IN)
T9
T9
T9
ADC2_AIN4
I
ADC Analog Input 4 (+IN2)
CMPSSB4: inH/inL (+IN/-IN)
V9
V9
V9
ADC2_AIN5
I
ADC Analog Input 5 (-IN2)
CMPSSB5: inH/inL (+IN/-IN)
T8
T8
T8
Table 5-5. ADC3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
ADC3_AIN0
I
ADC Analog Input 0 (+IN0)
CMPSSA6: inH (+IN)
U7
U7
U7
ADC3_AIN1
I
ADC Analog Input 1 (-IN0)
CMPSSA6: inL (-IN)
U8
U8
U8
ADC3_AIN2
I
ADC Analog Input 2 (+IN1)
CMPSSA7: inH (+IN)
T7
T7
T7
ADC3_AIN3
I
ADC Analog Input 3 (-IN1)
CMPSSA7: inL (-IN)
R7
R7
R7
ADC3_AIN4
I
ADC Analog Input 4 (+IN2)
CMPSSB6: inH/inL (+IN/-IN)
V8
V8
V8
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
48
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com