Electronic Components Datasheet Search
  English  ▼

X  

AM263P4 Datasheet(PDF) 17 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 13Page - Texas Instruments AM263P4 Datasheet HTML 14Page - Texas Instruments AM263P4 Datasheet HTML 15Page - Texas Instruments AM263P4 Datasheet HTML 16Page - Texas Instruments AM263P4 Datasheet HTML 17Page - Texas Instruments AM263P4 Datasheet HTML 18Page - Texas Instruments AM263P4 Datasheet HTML 19Page - Texas Instruments AM263P4 Datasheet HTML 20Page - Texas Instruments AM263P4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 164 page
background image
Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S, ZCZ_F Packages) (continued)
ZCZ_C
BALL
NUMBE
R [1]
ZCZ_S
BALL
NUMBE
R [1]
ZCZ_F
BALL
NUMBE
R [1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
T17
T17
ADC_R0_AIN3
ADC_R0_AIN3
I
3.3V
VDDA_CIO
AnalogCIO
R16
R16
ADC_R1_AIN0
ADC_R1_AIN0
I
3.3V
VDDA_CIO
AnalogCIO
R18
R18
ADC_R1_AIN1
ADC_R1_AIN1
I
3.3V
VDDA_CIO
AnalogCIO
P18
P18
ADC_R1_AIN2
ADC_R1_AIN2
I
3.3V
VDDA_CIO
AnalogCIO
P17
P17
ADC_R1_AIN3
ADC_R1_AIN3
I
3.3V
VDDA_CIO
AnalogCIO
V14
V14
V14
ADC_VREFHI_G0
ADC_VREFHI_G0
A
3.3V
VDDA_CIO
AnalogCIO
V10
V10
V10
ADC_VREFHI_G1
ADC_VREFHI_G1
A
3.3V
VDDA_CIO
AnalogCIO
V6
V6
V6
ADC_VREFHI_G2
ADC_VREFHI_G2
A
3.3V
VDDA_CIO
AnalogCIO
V17
V17
ADC_VREFHI_G3
ADC_VREFHI_G3
A
3.3V
VDDA_CIO
AnalogCIO
V13
V13
V13
ADC_VREFLO_G0
ADC_VREFLO_G0
A
3.3V
VDDA_CIO
AnalogCIO
V11
V11
V11
ADC_VREFLO_G1
ADC_VREFLO_G1
A
3.3V
VDDA_CIO
AnalogCIO
V7
V7
V7
ADC_VREFLO_G2
ADC_VREFLO_G2
A
3.3V
VDDA_CIO
AnalogCIO
V16
V16
ADC_VREFLO_G3
ADC_VREFLO_G3
A
3.3V
VDDA_CIO
AnalogCIO
M2
M2
M2
CLKOUT0
CLKOUT0_CFG_REG
0x5310 0228
0x0000 0570
CLKOUT0
0
O
Off / Off / Off
Off / SS / Off
0
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO138
7
IO
T5
T5
T5
DAC_OUT
DAC_OUT
O
3.3V
VDDA_CIO
AnalogCIO
T13
T13
T13
DAC_VREF0
DAC_VREF0
A
3.3V
VDDA_CIO
AnalogCIO
T6
T6
T6
DAC_VREF1
DAC_VREF1
A
3.3V
VDDA_CIO
AnalogCIO
B2
B2
B2
EPWM0_A
EPWM0_A_CFG_REG
0x5310 00AC
0x0000 05F7
EPWM0_A
0
O
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO43
7
IO
EPWM0_A
10
O
B1
B1
B1
EPWM0_B
EPWM0_B_CFG_REG
0x5310 00B0
0x0000 05F7
EPWM0_B
0
O
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO44
7
IO
EPWM0_B
10
O
D3
D3
D3
EPWM1_A
EPWM1_A_CFG_REG
0x5310 00B4
0x0000 05F7
EPWM1_A
0
O
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO45
7
IO
EPWM1_A
10
O
D2
D2
D2
EPWM1_B
EPWM1_B_CFG_REG
0x5310 00B8
0x0000 05F7
EPWM1_B
0
O
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO46
7
IO
EPWM4_B
10
O
C2
C2
C2
EPWM2_A
EPWM2_A_CFG_REG
0x5310 00BC
0x0000 05F7
EPWM2_A
0
O
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO47
7
IO
EPWM2_A
10
O
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com