Electronic Components Datasheet Search
  English  ▼

X  

AM263P4 Datasheet(PDF) 159 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P4 Datasheet(HTML) 159 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 155Page - Texas Instruments AM263P4 Datasheet HTML 156Page - Texas Instruments AM263P4 Datasheet HTML 157Page - Texas Instruments AM263P4 Datasheet HTML 158Page - Texas Instruments AM263P4 Datasheet HTML 159Page - Texas Instruments AM263P4 Datasheet HTML 160Page - Texas Instruments AM263P4 Datasheet HTML 161Page - Texas Instruments AM263P4 Datasheet HTML 162Page - Texas Instruments AM263P4 Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 164 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
20-Jun-2024
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
AM263P4ACOKFZCZRQ1
ACTIVE
NFBGA
ZCZ
324
1000
RoHS & Green
Call TI
Level-3-260C-168 HR
-40 to 150
AM263P
4ACOKFZCZQ1
867
Samples
AM263P4ACOLFZCZR
ACTIVE
NFBGA
ZCZ
324
1000
RoHS & Green
Call TI
Level-3-260C-168 HR
-40 to 105
AM263P
4ACOLFZCZ
867
Samples
AM263P4ACOMFZCZR
ACTIVE
NFBGA
ZCZ
324
1000
RoHS & Green
Call TI
Level-3-260C-168 HR
-40 to 105
AM263P
4ACOMFZCZ
867
Samples
AM263P4ASOKFZCZRQ1
ACTIVE
NFBGA
ZCZ
324
1000
RoHS & Green
Call TI
Level-3-260C-168 HR
-40 to 150
AM263P
4ASOKFZCZQ1
867
Samples
XAM263P4ACOMFZCZ
ACTIVE
NFBGA
ZCZ
324
1
TBD
Call TI
Call TI
-40 to 105
Samples
XAM263P4ASOKFZCZ
ACTIVE
NFBGA
ZCZ
324
1
TBD
Call TI
Call TI
-40 to 150
Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com