Electronic Components Datasheet Search
  English  ▼

X  

DS1990A Datasheet(PDF) 3 Page - Analog Devices

Part # DS1990A
Description  Serial Number iButton
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DS1990A Datasheet(HTML) 3 Page - Analog Devices

  DS1990A Datasheet HTML 1Page - Analog Devices DS1990A Datasheet HTML 2Page - Analog Devices DS1990A Datasheet HTML 3Page - Analog Devices DS1990A Datasheet HTML 4Page - Analog Devices DS1990A Datasheet HTML 5Page - Analog Devices DS1990A Datasheet HTML 6Page - Analog Devices DS1990A Datasheet HTML 7Page - Analog Devices DS1990A Datasheet HTML 8Page - Analog Devices DS1990A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
(Limits are 100% production tested at TA = +25°C and/or TA = +85°C. Limits over the operating temperature range and relevant supply
voltage range are guaranteed by design and characterization. Typical values at +25°C.)
Note 3: Capacitance on the IO pin could be 800pF when power is first applied. If a 5kΩ resistor is used to pull up the IO line to
VPUP 5µs after power has been applied, the parasite capacitance will not affect normal communications.
Note 4: Guaranteed by design, simulation only. Not production tested.
Note 5: Maximum value represents the internal parasite capacitance when VPUP is first applied. Once the parasite capacitance is
charged, it does not affect normal communication.
Note 6: Input load is to ground.
Note 7: The voltage on IO must be less than or equal to VILMAX whenever the master drives the line low.
Note 8: VIH is a function of the internal supply voltage.
Note 9: The reset low time (tRSTL) should be restricted to a maximum of 960µs to allow interrupt signaling. A longer duration could
mask or conceal interrupt pulses if this device is used in parallel with a DS1994.
Note 10: An additional reset or communication sequence cannot begin until the reset high time has expired.
Note 11: Presence pulse is guaranteed only after a preceding reset pulse (tRSTL).
Note 12: ε in Figure 7 represents the time required for the pullup circuitry to pull the voltage on IO up from VIL to VIH. The actual
maximum duration for the master to pull the line low is tW1LMAX + tF - ε and tW0LMAX + tF - ε, respectively.
Note 13: δ in Figure 7 represents the time required for the pullup circuitry to pull the voltage on IO up from VIL to the input-high
threshold of the bus master. The actual maximum duration for the master to pull the line low is tRLMAX + tF.
Detailed Description
The block diagram in Figure 1 shows the major function
blocks of the device. The DS1990A takes the energy it
needs to operate from the IO line, as indicated by the
parasite power block. The ROM function control unit
includes the 1-Wire interface and the logic to implement
the ROM function commands, which access 64 bits of
unique ROM.
Figure 1. Block Diagram
SIZE
See the Package Information section.
WEIGHT (DS1990A)
Ca. 2.5 grams
www.analog.com
Analog Devices │ 3
DS1990A
Serial Number iButton
Electrical Characteristics (continued)
iButton CAN PHYSICAL SPECIFICATION
DS1990A
PARASITE POWER
ROM
FUNCTION CONTROL
IO
64-BIT
UNIQUE ROM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com