Electronic Components Datasheet Search
  English  ▼

X  

LT8337 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8337
Description  40V, 9A, Low IQ Synchronous Step-Up Silent Switcher with Input Disconnect and PassThru
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8337 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8337 Datasheet HTML 9Page - Analog Devices LT8337 Datasheet HTML 10Page - Analog Devices LT8337 Datasheet HTML 11Page - Analog Devices LT8337 Datasheet HTML 12Page - Analog Devices LT8337 Datasheet HTML 13Page - Analog Devices LT8337 Datasheet HTML 14Page - Analog Devices LT8337 Datasheet HTML 15Page - Analog Devices LT8337 Datasheet HTML 16Page - Analog Devices LT8337 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet
LT8342
analog.com
Rev. 0
13 of 36
Figure 8. FB Regulation Voltage vs Temperature
Figure 9. EN/UVLO Threshold vs Temperature
Figure 10. RT Value vs Switching Frequency
Figure 11. Oscillator Frequency vs Temperature
Figure 12. Oscillator Frequency with Spread
Spectrum Modulation
Figure 13. Bottom Switch Current Limit vs Duty Cycle
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0.990
0.992
0.994
0.996
0.998
1.000
1.002
1.004
1.006
1.008
1.010
EN/UVLO RISING
EN/UVLO FALLING
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0.98
1.00
1.02
1.04
1.06
1.08
1.10
1.12
SWITCHING FREQUENCY (kHz)
0
500
1000
1500
2000
2500
3000
5k
10k
100k
200k
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
1.90
1.92
1.94
1.96
1.98
2.00
2.02
2.04
2.06
2.08
2.10
TIME (µs)
0
20
40
60
80
100
120
140
160
180
200
1.9
2.0
2.1
2.2
2.3
2.4
DUTY CYCLE (%)
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com