Electronic Components Datasheet Search
  English  ▼

X  

LT8337 Datasheet(PDF) 21 Page - Analog Devices

Part # LT8337
Description  40V, 9A, Low IQ Synchronous Step-Up Silent Switcher with Input Disconnect and PassThru
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8337 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8337 Datasheet HTML 17Page - Analog Devices LT8337 Datasheet HTML 18Page - Analog Devices LT8337 Datasheet HTML 19Page - Analog Devices LT8337 Datasheet HTML 20Page - Analog Devices LT8337 Datasheet HTML 21Page - Analog Devices LT8337 Datasheet HTML 22Page - Analog Devices LT8337 Datasheet HTML 23Page - Analog Devices LT8337 Datasheet HTML 24Page - Analog Devices LT8337 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet
LT8342
analog.com
Rev. 0
21 of 36
The LT8342's protection features include output over-voltage and short-circuit protection, thermal shutdown, and
under-voltage lockout. The IC also prevents inductor current runaway in conditions requiring extremely low
converter duty cycles by adjusting switching frequency to maintain volt-second balance of the inductor.
APPLICATIONS INFORMATION
Programming VIN Turn-On and Turn-Off Thresholds with the EN/UVLO Pin
System VIN turn-on/-off thresholds can be programmed by driving the EN/UVLO pin with a resistor divider
connected from VIN to GND (See Block Diagram). The threshold voltages are determined by equations (1) and (2).
������(������������������������������������������,������������������������ ������������������) = 1.02������ ×
������1 + ������2
������2
(1)
������(������������������������������������,������������������������ ������������) = 1.082������ ×
������1 + ������
2
������2
(2)
When in Burst Mode operation with light load currents, the current through the resistor network R1 and R2 can
easily be greater than the supply current consumed by the LT8342. Therefore, R1 and R2 should be large to minimize
their effect on efficiency at low loads.
The EN/UVLO pin can be connected to VIN if the shutdown feature is not used, or alternatively, the pin may be tied
to a logic level if shutdown control is required. The IC draws a low VIN quiescent current of 0.35μA (typical) when
EN/UVLO is below 0.15V.
INTVCC Regulator
An internal low dropout (LDO) regulator produces the 3.6V supply from VIN that powers the gate drivers and the
internal bias circuitry. The INTVCC pin must be bypassed to GND with a minimum of 2.2μF ceramic capacitor. Good
bypassing is necessary to supply the high transient currents required by the power MOSFET gate drivers.
Applications with high input voltage and high switching frequency will increase die temperature because of the
higher power dissipation across the LDO. Do not connect any external load to the INTVCC pin.
Programming the Output Voltage
LT8342 features an adjustable internal feedback divider which programs the regulated output voltage level.
Configuring VSET1 and VSET2/FB pins as shown in Table 6 to select the preset level. The >10MΩ (typical) resistor
divider guarantees that the quiescent current from the VOUT pin is much reduced compared with a conventional
external potential divider.
In some applications where external feedback is still desired, one can tie the VSET1 pin to INTVCC through a 100kΩ
resistor, which programs the VSET2/FB pin as the conventional feedback pin. In this case, the output voltage is
programmed with a resistor divider between the output and the VSET2/FB pin, as shown in Figure 1. Choose the
resistor values according to the equation (3).
������������������1 = ������������������2 × (
������������������������
1������
− 1)
(3)
The resistance in equation (3) refer to reference designators in Figure 42. The 1% resistors are recommended to
maintain output voltage accuracy. When using large feedback resistors, a 4.7pF to 22pF phase-lead capacitor may
be required from VOUT to VSET2/FB. Note that when external feedback is used, if the fault occurs where VSET2/FB is
short to ground, instead of producing an excessively high output voltage, as shown in Table 6, LT8342 will
automatically switch to internal feedback with 19V output regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com