Electronic Components Datasheet Search
  English  ▼

X  

TPSM82816PVCAR Datasheet(PDF) 31 Page - Texas Instruments

Part # TPSM82816PVCAR
Description  TPSM8281x 2.7V to 6V Input 4A / 6A Step-Down Power Module with Integrated Inductor, Frequency Synchronization in MicroSIP™ and MagPack™ Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82816PVCAR Datasheet(HTML) 31 Page - Texas Instruments

Back Button TPSM82816PVCAR Datasheet HTML 27Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 28Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 29Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 30Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 31Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 32Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 33Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 34Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
6X (0.75)
4X (1)
.000 PKG
0
0.05 MIN
ALL AROUND
0.05 MAX
ALL AROUND
6X (0.25)
(2.65)
4X (0.65)
2X (2)
2X (3.35)
4X (0.8)
4X (0.3)
4X (0.575)
4X (0.45)
(0.05) TYP
(R0.05) TYP
4X (1.4)
(0.3)
6X (
)
1.925
6X (
)
1.425
6X (
)
1.425
6X (
)
1.925
( 0.2) TYP
VIA
2X (
)
0.625
2X (
)
0.625
uSIP - 1.6 mm max height
SIE0014A-C01
MICRO SYSTEM IN PACKAGE
4228828/B 10/2022
1
5
10
SCALE:15X
LAND PATTERN EXAMPLE
6
11
12
13
14
METAL UNDER
SOLDER MASK
TYP
SOLDER MASK
OPENING
TYP
SEE DETAILS
NOTES: (continued)
TM
5. This package is designed to be soldered to thermal pads on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
6. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
NON SOLDER MASK
DEFINED
SOLDER MASK DEFINED
PADS 1, 5, 6, 10 AND 11 - 14
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
NOT TO SCALE
SOLDER MASK DETAILS
SOLDER MASK
OPENING
METAL
www.ti.com
TPSM82816
SLUSEY7A – DECEMBER 2022 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TPSM82816



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com