Electronic Components Datasheet Search
  English  ▼

X  

TPSM82816PVCAR Datasheet(PDF) 8 Page - Texas Instruments

Part # TPSM82816PVCAR
Description  TPSM8281x 2.7V to 6V Input 4A / 6A Step-Down Power Module with Integrated Inductor, Frequency Synchronization in MicroSIP™ and MagPack™ Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82816PVCAR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPSM82816PVCAR Datasheet HTML 4Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 5Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 6Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 7Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 8Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 9Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 10Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 11Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
6.5 Electrical Characteristics (continued)
Over operating junction remperature range (TJ = –40°C to +125°C) and VIN = 2.7 V to 6 V. Typical values at VIN = 5 V and TJ
= 25°C. (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Tracking offset
VFB when VSS/TR = 0 V
±1
mV
VTH_PG
UVP Power-good threshold voltage; dc
level
VOUT rising (%VFB)
92%
95%
98%
VOUT falling (%VFB)
87%
90%
93%
VTH_PG
OVP Power-good threshold voltage; dc
level
VOUT rising (%VFB)
107%
110%
113%
VOUT falling (%VFB)
104%
107%
111%
VOL,PG
Low-level output voltage at PG
ISINK_PG = 2 mA
0.01
0.3
V
IIH,PG
Input leakage current into PG
VPG = 5 V
100
nA
tPG,DLY
PG deglitch time
for a high level to low level transition on
the Power-good output
40
µs
OUTPUT
VFB
Feedback voltage
0.6
V
Feedback voltage accuracy
PWM mode, VIN ≥ VOUT + 1 V
–1%
1%
PFM mode, VIN ≥ VOUT + 1 V, VOUT ≥ 1.5
V, Co,eff ≥ 47 µF
–1%
2%
PFM mode, VIN ≥ VOUT + 1 V, VOUT < 1.5
V, Co,eff ≥ 68 µF
–1%
2.5%
Feedback voltage accuracy with voltage
tracking
VIN ≥ VOUT + 1 V, VSS/TR = 0.3 V, PWM
mode
–5%
5%
IIH,FB
Input leakage current into FB
VFB = 0.6 V
1
70
nA
Load regulation
PWM mode
0.05
%/A
RDIS
Output discharge resistance
30
50
Ω
ton,min
Minimum on-time of high-side FET
VIN ≥ 3.3 V
45
67
ns
RDP
Dropout resistance TPSM82816SIE
100% mode
27
mΩ
RDP
Dropout resistance TPSM82814PVCA,
TPSM82816PVCA
100% mode
23
mΩ
ILIMH
High-side FET switch current limit
TPSM82814
DC value, VIN = 3 V to 6 V
5.3
7.2
8.4
A
ILIMH
High-side FET switch current limit
TPSM82816
DC value, VIN = 3 V to 6 V
7.3
9.2
10.4
A
ILIMNEG
Low-side FET negative current limit
DC value, MODE/SYNC = high
–3
A
TPSM82816
SLUSEY7A – DECEMBER 2022 – REVISED JUNE 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM82816



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com