Electronic Components Datasheet Search
  English  ▼

X  

LT8330 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8330
Description  40V, 9A, Low IQ Synchronous Step-Up Silent Switcher with Input Disconnect and PassThru
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8330 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8330 Datasheet HTML 13Page - Analog Devices LT8330 Datasheet HTML 14Page - Analog Devices LT8330 Datasheet HTML 15Page - Analog Devices LT8330 Datasheet HTML 16Page - Analog Devices LT8330 Datasheet HTML 17Page - Analog Devices LT8330 Datasheet HTML 18Page - Analog Devices LT8330 Datasheet HTML 19Page - Analog Devices LT8330 Datasheet HTML 20Page - Analog Devices LT8330 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Data Sheet
LT8342
analog.com
Rev. 0
17 of 36
Figure 32. Reverse Current Protection in
PassThru Mode. See Circuit in Figure 49,
VIN drops from 11V to 5V with no load
Figure 33. Frequency Foldback when
VIN is close to VOUT. See Circuit in Figure 49,
VIN = 9.8V, VOUT = 10V, ILOAD = 1A
Figure 34. Preboost Line Transient. See Circuit in
Figure 49. VIN transient between 3V and 40V,
with 1.8A load.
Figure 35. GATE to VIN Regulation Voltage vs VIN
Figure 36. VIN to SNS Threshold Voltage vs
Temperature
Figure 37. Output Short Circuit Protection.
See Figure 1, VIN = 9V.
40µs/DIV
VIN
5V/DIV
V
,
OUT
VSW
10V/DIV
IL
2A/DIV
VOUT
VIN
2µs/DIV
IL
1A/DIV
VSW
10V/DIV
V
VIN,
OUT
2V/DIV
4ms/DIV
VIN
20V/DIV
VSW
20V/DIV
PG
5V/DIV
VOUT
VIN (V)
1
10
40
0
1
2
3
4
5
6
7
8
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0
5
10
15
20
25
30
35
40
45
50
55
SHORT!
10µs/DIV
VOUT
20V/DIV
IL
5A/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com