Electronic Components Datasheet Search
  English  ▼

X  

LT8330 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8330
Description  40V, 9A, Low IQ Synchronous Step-Up Silent Switcher with Input Disconnect and PassThru
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8330 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8330 Datasheet HTML 15Page - Analog Devices LT8330 Datasheet HTML 16Page - Analog Devices LT8330 Datasheet HTML 17Page - Analog Devices LT8330 Datasheet HTML 18Page - Analog Devices LT8330 Datasheet HTML 19Page - Analog Devices LT8330 Datasheet HTML 20Page - Analog Devices LT8330 Datasheet HTML 21Page - Analog Devices LT8330 Datasheet HTML 22Page - Analog Devices LT8330 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Data Sheet
LT8342
analog.com
Rev. 0
19 of 36
BLOCK DIAGRAM
Figure 41. Block Diagram
UVLO
45mV
24
23
1
3
CBST
10MΩ
14
13
17
16
19
18
21
15
22
L
RSNS
CIN
R1
R2
CVCC
R3
CSS
RT
R4
C1
COUT
D3
20
M2
M1
MEXT
10µA
VIN
SNS
GATE DETECTOR,
AND DRIVER
GATE
BST
INTVCC
SW
CHARGE PUMP
SWITCHING
AND PASSTHRU
LOGIC
VOUT
GND
FBINT
RT
FB
SELECTION
VSET1
1V
VSET2/FB
OSCILLATOR,
AND RAMP
GENERATOR
SYNC/MODE
INTVCC
SS
VC
FB_SEL
BURST/
PULSE-SKIP
VIN
VIN_HIGH
I_ZERO
VOUT < 2V
OR SHDN
±10%
PG
PREBOOST
1.02V
EN/UVLO
3.6V REG
AND UVLO
TJ > 177°C
SHDN
I_ZERO
VIN_HIGH
INTVCC
3.6V
VIN
VOUT
INTVCC
SHDN
40ms TIMER
FBINT
VSET2/FB
PG LOGIC
SHDN
SHDN
RAMP
1.1V
15V
9µA/6.5V
A1
A2
A3
A4
OVLO
OVLO
4, 5, 6
8, 9, 10, 11
7, 12, 25
A5
A6
A7
A8
A9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com