Electronic Components Datasheet Search
  English  ▼

X  

LTM2884 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM2884
Description  Isolated USB Data Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2884 Datasheet(HTML) 4 Page - Analog Devices

  LTM2884 Datasheet HTML 1Page - Analog Devices LTM2884 Datasheet HTML 2Page - Analog Devices LTM2884 Datasheet HTML 3Page - Analog Devices LTM2884 Datasheet HTML 4Page - Analog Devices LTM2884 Datasheet HTML 5Page - Analog Devices LTM2884 Datasheet HTML 6Page - Analog Devices LTM2884 Datasheet HTML 7Page - Analog Devices LTM2884 Datasheet HTML 8Page - Analog Devices LTM2884 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LTM2894
4
Rev A
For more information www.analog.com
SWITCHING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Low Speed USB
tLDR
Low Speed Data Rate
CL = 50pF to 450pF (Note 4)
1.5
Mbps
tLR
Rise Time
Figure 2, CL = 50pF to 600pF
l
75
300
ns
tLF
Fall Time
Figure 2, CL = 50pF to 600pF
l
75
300
ns
tLPRR,tLPFF
Propagation Delay
Figure 2, CL = 50pF to 600pF
l
200
300
ns
Differential Jitter
To Next Transition (Note 8)
±45
ns
Differential Jitter
To Paired Transitions (Note 8)
±15
ns
Full Speed USB
tFDR
Full Speed Data Rate
CL = 50pF (Note 4)
12
Mbps
tFR
Rise Time
Figure 3, CL = 50pF
l
4
20
ns
tFF
Fall Time
Figure 3, CL = 50pF
l
4
20
ns
tFPRR, tFPFF
Propagation Delay
Figure 3, CL = 50pF
l
60
80
115
ns
Differential Jitter
To Next Transition (Note 8)
2
ns
Differential Jitter
To Paired Transitions (Note 8)
1
ns
Suspend
Wake Up from Suspend Mode
Resume Signal
l
0.25
10
µs
ESD HBM (Note 8)
Isolation Barrier
GND to GND2
±20
kV
D1+, D1–, D2+, D2–
D1+/D1– to GND, VBUS, or VLO
D2+/D2– to GND2, VBUS2, or VLO2
±20
±20
kV
kV
ON or ON2
±4
kV
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, VBUS2 = 5V, GND = GND2 = 0V, ON = 3.3V, ON2 = 3.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com