Electronic Components Datasheet Search
  English  ▼

X  

LTM2884 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM2884
Description  Isolated USB Data Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2884 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM2884 Datasheet HTML 7Page - Analog Devices LTM2884 Datasheet HTML 8Page - Analog Devices LTM2884 Datasheet HTML 9Page - Analog Devices LTM2884 Datasheet HTML 10Page - Analog Devices LTM2884 Datasheet HTML 11Page - Analog Devices LTM2884 Datasheet HTML 12Page - Analog Devices LTM2884 Datasheet HTML 13Page - Analog Devices LTM2884 Datasheet HTML 14Page - Analog Devices LTM2884 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LTM2894
11
Rev A
For more information www.analog.com
Monitoring the USB data pins, the LTM2894 detects a
K-state to begin a data packet and set the data direction.
The data is monitored for an end of packet signature and
a finishing J-state before the bus is released. The data pay
loadbetweentheK-stateandJ-stateistransferredthrough
the LTM2894 isolator with a delay of approximately 80ns.
Idle State Communication
The LTM2894 μModule transceiver maintains the condi-
tions of the USB bus idle state by monitoring the down-
stream side bus idle condition and refreshing the state
across the isolation barrier at a consistent rate. Further-
more,theLTM2894monitorsthespeedofthedownstream
peripheral once connected and sets its own operation to
match. Figure 4 shows the abbreviated circuitry of the
automatic monitoring and reporting of the bus speeds.
The D2+ or D2– signals are monitored for a connection to
pull-ups on D2+ or D2– and the result is processed as full
speed or low speed, otherwise disconnect. The idle state
is communicated to the upstream side through a refresh
transmission. The switches SW1 or SW2 are controlled
based on the received information. SW1 is closed if D2+
is detected to have a pull-up and D2– was open. SW2 is
closed if D2– is detected to have a pull-up and D2+ was
open. Both SW1 and SW2 are opened if the downstream
USB bus is disconnected. During a USB suspend, the pull-
up resistor will maintain the condition prior to detecting
the suspend command.
APPLICATIONS INFORMATION
Suspend Mode
When the upstream USB bus is idle for greater than 3ms
theLTM2894willentersuspendmode.Oncethepartenters
suspend the VBUS supply current reduces below 2mA.
TheLTM2894wakesupfromsuspendduetodisconnects,
reconnects, and downstream initiated resume signaling
when the LTM2894 is in a hub, host, or peripheral device.
The upstream transceiver maintains observation and re-
portsdownstreamtransceiverdisconnectsandreconnects.
Recovery from suspend mode occurs when a data state
change is detected and may take up to 10µs.
During suspend mode, DC current drawn from VLO into
externalcircuitswillbesuppliedfromVBUSandmayexceed
the limits set in the USB specification.
VBUS2 current does not reduce in suspend mode.
VLO and VLO2 Supplies
The VLO and VLO2 output supply pins are available for use
as a low current 3.3V supply on both sides of the isolation
barrier. They also serve as supplies for the USB interface
circuitry.Aninternallinearregulatormaintains3.3voltson
VLO from the VBUS input supply. A separate linear regula-
tor maintains 3.3V on VLO2 from VBUS2. The current is
limited to 10mA for external applications. Exceeding this
limit may cause degradation in the VLO or VLO2 supplies
and undesirable operation from the USB isolator. Connec-
tion of signals ON to VLO or ON2 to VLO2 will not cause a
significant change in the available current. These supplies
are available to support interface logic to the isolated USB
port. In order to meet the suspend mode current limit,
minimize the DC current of external applications on the
VLO output supply. VLO and VLO2 are protected from over
current and over temperature conditions.
Supply Current
LoadingonthemultipleoutputsupplypinsoftheLTM2894
affect the supply current consumption on VBUS. The
VBUS input supplies current to the upstream side of the
transceiver and to the VLO pin. The VBUS2 input supplies
power to the downstream side of the transceiver and to
the VLO2 pin.
Figure 4. Idle State Automatic Resistor Setting
2894 F04
LTM2894
REFRESH
VLO
D1+
RPU
1.5k
RPU
1.5k
SW1
SW2
D1–
D2+
D2–
RPD
15k
RPD
15k
1.5k
FULL
SPEED
UPSTREAM CONNECTION
DOWNSTREAM CONNECTION
OR
OR DISCONNECTED
LOW
SPEED
1.5k
3.3V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com