Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 5 Page - Analog Devices

Part # LTM2883
Description  Isolated USB Data Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 5 Page - Analog Devices

  LTM2883 Datasheet HTML 1Page - Analog Devices LTM2883 Datasheet HTML 2Page - Analog Devices LTM2883 Datasheet HTML 3Page - Analog Devices LTM2883 Datasheet HTML 4Page - Analog Devices LTM2883 Datasheet HTML 5Page - Analog Devices LTM2883 Datasheet HTML 6Page - Analog Devices LTM2883 Datasheet HTML 7Page - Analog Devices LTM2883 Datasheet HTML 8Page - Analog Devices LTM2883 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTM2894
5
Rev A
For more information www.analog.com
ISOLATION CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Guaranteed by design and not subject to test.
Note 3: This µModule transceiver includes overtemperature protection that
is intended to protect the device during momentary overload conditions.
Junction temperature will exceed 125°C when overtemperature protection
is active. Continuous operation above specified maximum operating
junction temperature may result in device degradation or failure.
Note 4: Maximum data rate is guaranteed by other measured parameters
and is not directly tested.
Note 5: Device considered a 2-terminal device. Measurement between
groups of pins A1 through B6 shorted together and pins W1 through X6
shorted together.
Note 6: The rated dielectric insulation voltage should not be interpreted as
a continuous voltage rating.
Note 7: In accordance with UL1577, each device is proof tested at the
7500VRMS rating by applying an acceleration factor of 1.2, 9000VRMS, for
one second.
Note 8: Evaluated by design, not production tested.
Note 9: Ratings are for pollution degree 2, material group 3 and
overvoltage category II where applicable. Ratings for other environmental
and electrical conditions to be determined from the appropriate safety
standard.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Isolation Barrier: GND to GND2
VISO
Rated Dielectric Insulation Voltage (Notes 6, 7)
1 Minute (Derived from 1 Second Test)
7500
VRMS
1 Second (Note 5)
9000
VRMS
Common Mode Transient Immunity
(Note 2)
50
75
kV/µs
VIORM
Maximum Working Insulation Voltage
(Note 2)
1414
VPEAK, VDC
1000
VRMS
Partial Discharge
VPR = 2650 VPEAK (Note 5)
5
pC
CTI
Comparative Tracking Index
IEC 60112 (Note 2)
600
VRMS
Depth of Erosion
IEC 60112 (Note 2)
0.017
mm
DTI
Distance Through Insulation
(Note 2)
0.2
mm
Input to Output Resistance
(Notes 2, 5)
1
5
TΩ
Input to Output Capacitance
(Notes 2, 5)
2
pF
Creepage Distance
(Notes 2, 5)
18.1
mm
Specifications are at TA = 25°C.
CSA (Note 9)
CSA 60950-1-07+A1+A2 and IEC 60950-1, second edition, +A1 +A2:
Basic Insulation at 910VRMS
Reinforced Insulation at 455VRMS
CSA 62368-1-14 and IEC 62368-1-14:2014, second edition:
Basic Insulation at 600VRMS
Reinforced Insulation at 455VRMS
CSA 60601-1:14 and IEC 60601-1, third edition, +A1:
Two means of patient protection (2 MOPP) at 287.5VRMS
UL 1577-2015:
Single Protection, 6000VRMS Isolation Voltage
File 255632



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com