Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 15 Page - Analog Devices

Part # LTM2883
Description  Isolated USB Data Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 10Page - Analog Devices LTM2883 Datasheet HTML 11Page - Analog Devices LTM2883 Datasheet HTML 12Page - Analog Devices LTM2883 Datasheet HTML 13Page - Analog Devices LTM2883 Datasheet HTML 14Page - Analog Devices LTM2883 Datasheet HTML 15Page - Analog Devices LTM2883 Datasheet HTML 16Page - Analog Devices LTM2883 Datasheet HTML 17Page - Analog Devices LTM2883 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
LTM2894
15
Rev A
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 10. Powered Peripheral Device
Figure 11. Peripheral Powered with 3.3V Only
PERIPHERAL
FULL SPEED
5VISO
2894 F10
VLO
LTM2894
ON
VBUS
VBUS2
D1+
D1–
ON2
1.5k
VLO2
D2+
USB PORT
D2–
GND2
GND
5VISO
PERIPHERAL
FULL SPEED
2894 F11
VLO
LTM2894
ON
VBUS
VBUS2
D1+
D1–
ON2
1.5k
VLO2
D2+
USB PORT
D2–
GND2
GND
3.3VISO
3.3VISO
Figure 9. USB Host Integration
2894 F09
VLO
LTM2894
5VISO
ON
5V
5VISO
3.3V
VBUS
VBUS2
D1+
D1–
ON2
VLO2
D2+
USB PORT
120µF
D2–
GND2
GND
15k
15k
HOST
µC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com