Electronic Components Datasheet Search
  English  ▼

X  

LTM2889 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM2889
Description  Isolated USB Data Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2889 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM2889 Datasheet HTML 4Page - Analog Devices LTM2889 Datasheet HTML 5Page - Analog Devices LTM2889 Datasheet HTML 6Page - Analog Devices LTM2889 Datasheet HTML 7Page - Analog Devices LTM2889 Datasheet HTML 8Page - Analog Devices LTM2889 Datasheet HTML 9Page - Analog Devices LTM2889 Datasheet HTML 10Page - Analog Devices LTM2889 Datasheet HTML 11Page - Analog Devices LTM2889 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LTM2894
8
Rev A
For more information www.analog.com
BLOCK DIAGRAM
TEST CIRCUITS
Figure 1. Power Supply Loads
2894 BD
0.3µF
D2+
VLO2
15k
GND2
15k
D2–
4.4µF
3.3V
REG
GND
0.3µF
VBUS
VBUS2
VLO
ON
D1+
D1–
4.4µF
3.3V
REG
ISOLATED
COMMUNICATION
INTERFACE
ISOLATED
COMMUNICATION
INTERFACE
ON2
1.5k
1.5k
GND2
GND
GND2
GND
GND2
GND
GND2
GND
GND2
GND
GND2
GND
2894 F01
VBUS
LTM2894
IBUS
VLO
IVLO
GND
VBUS2
VLO2
GND2
IVLO2
VBUS2
VBUS
+–
+–
IBUS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com