Electronic Components Datasheet Search
  English  ▼

X  

LTM2889 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM2889
Description  Isolated USB Data Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2889 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM2889 Datasheet HTML 5Page - Analog Devices LTM2889 Datasheet HTML 6Page - Analog Devices LTM2889 Datasheet HTML 7Page - Analog Devices LTM2889 Datasheet HTML 8Page - Analog Devices LTM2889 Datasheet HTML 9Page - Analog Devices LTM2889 Datasheet HTML 10Page - Analog Devices LTM2889 Datasheet HTML 11Page - Analog Devices LTM2889 Datasheet HTML 12Page - Analog Devices LTM2889 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LTM2894
9
Rev A
For more information www.analog.com
TEST CIRCUITS
Figure 2. Low Speed Timing Measurements
Figure 3. Full Speed Timing Measurements
2894 F02
0V
3.3V
0V
3.3V
D1+ OR D2+
D2+ OR D1+
CL
D1– OR D2–
D2– OR D1–
CL
1.5k
3.6V
tLR
tLPRR
tLPFF
tLF
10%
10%
90%
90%
D2+ OR D1+
D2– OR D1–
D1+ OR D2+
D1– OR D2–
+
+
2894 F03
0V
3.3V
0V
3.3V
D1+ OR D2+
D2+ OR D1+
CL
D1– OR D2–
D2– OR D1–
CL
tFR
tFPFF
tFPRR
tFF
10%
10%
90%
90%
D2– OR D1–
D2+ OR D1+
D1– OR D2–
D1+ OR D2+
+
+
FUNCTIONAL TABLE
USB Transceiver Functional Table
Mode
D1+
D1–
Pull-Up Connection
D2+
D2–
Full Speed (Idle)
1.5kΩ Pull-Up
Host Pull-Down
D1+
Peripheral Pull-Up
15kΩ Pull-Down
Low Speed (Idle)
Host Pull-Down
1.5kΩ Pull-Up
D1–
15kΩ Pull-Down
Peripheral Pull-Up
Disconnected (Idle)
Host Pull-Down
Host Pull-Down
None
15kΩ Pull-Down
15kΩ Pull-Down
Suspend (Idle > 3ms)
Set During Idle Time
Set During Idle Time
Set During Idle Time
Peripheral or 15kΩ
Peripheral or 15kΩ
D1 to D2 data
IN+
IN–
Set During Idle Time
OUT+
OUT–
D2 to D1 data
OUT+
OUT–
Set During Idle Time
IN+
IN–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com