Electronic Components Datasheet Search
  English  ▼

X  

ULN2003AI Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ULN2003AI
Description  ULN200x, ULQ200x High-Voltage, High-Current Darlington Transistor Arrays
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ULN2003AI Datasheet(HTML) 5 Page - Texas Instruments

  ULN2003AI Datasheet HTML 1Page - Texas Instruments ULN2003AI Datasheet HTML 2Page - Texas Instruments ULN2003AI Datasheet HTML 3Page - Texas Instruments ULN2003AI Datasheet HTML 4Page - Texas Instruments ULN2003AI Datasheet HTML 5Page - Texas Instruments ULN2003AI Datasheet HTML 6Page - Texas Instruments ULN2003AI Datasheet HTML 7Page - Texas Instruments ULN2003AI Datasheet HTML 8Page - Texas Instruments ULN2003AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
5.5 Electrical Characteristics: ULN2002A
TA = 25°C
PARAMETER
TEST FIGURE
TEST CONDITIONS
ULN2002A
UNIT
MIN
TYP
MAX
VI(on)
ON-state input voltage
Figure 6-6
VCE = 2 V,
IC = 300 mA
13
V
VOH
High-level output voltage after
switching
Figure 6-10
VS = 50 V, IO = 300 mA
VS – 20
mV
VCE(sat)
Collector-emitter saturation
voltage
Figure 6-4
II = 250 μA,
IC = 100 mA
0.9
1.1
V
II = 350 μA,
IC = 200 mA
1
1.3
II = 500 μA,
IC = 350 mA
1.2
1.6
VF
Clamp forward voltage
Figure 6-7
IF = 350 mA
1.7
2
V
ICEX
Collector cutoff current
Figure 6-1
VCE = 50 V,
II = 0
50
μA
Figure 6-2
VCE = 50 V,
TA = 70°C
II = 0
100
VI = 6 V
500
II(off)
OFF-state input current
Figure 6-2
VCE = 50 V,
IC = 500 μA
50
65
μA
II
Input current
Figure 6-3
VI = 17 V
0.82
1.25
mA
IR
Clamp reverse current
Figure 6-6
VR = 50 V
TA = 70°C
100
μA
VR = 50 V
50
Ci
Input capacitance
VI = 0,
f = 1 MHz
25
pF
5.6 Electrical Characteristics: ULN2003A and ULN2004A
TA = 25°C
PARAMETER
TEST
FIGURE
TEST CONDITIONS
ULN2003A
ULN2004A
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VI(on)
ON-state input
voltage
Figure 6-6
VCE = 2 V
IC = 125 mA
5
V
IC = 200 mA
2.4
6
IC = 250 mA
2.7
IC = 275 mA
7
IC = 300 mA
3
IC = 350 mA
8
VOH
High-level output
voltage after
switching
Figure 6-10
VS = 50 V, IO = 300 mA
VS – 20
VS – 20
mV
VCE(sat)
Collector-emitter
saturation voltage
Figure 6-5
II = 250 μA,
IC = 100 mA
0.9
1.1
0.9
1.1
V
II = 350 μA,
IC = 200 mA
1
1.3
1
1.3
II = 500 μA,
IC = 350 mA
1.2
1.6
1.2
1.6
ICEX
Collector cutoff
current
Figure 6-1
VCE = 50 V,
II = 0
50
50
μA
Figure 6-2
VCE = 50 V,
TA = 70°C
II = 0
100
100
VI = 6 V
500
VF
Clamp forward
voltage
Figure 6-8
IF = 350 mA
1.7
2
1.7
2
V
II(off)
Off-state input
current
Figure 6-3
VCE = 50 V,
TA = 70°C,
IC = 500 μA
50
65
50
65
μA
II
Input current
Figure 6-4
VI = 3.85 V
0.93
1.35
mA
VI = 5 V
0.35
0.5
VI = 12 V
1
1.45
IR
Clamp reverse
current
Figure 6-7
VR = 50 V
50
50
μA
VR = 50 V
TA = 70°C
100
100
www.ti.com
ULN2002A, ULN2003A, ULN2003AI
ULQ2003A, ULN2004A, ULQ2004A
SLRS027S – DECEMBER 1976 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ULN2002A ULN2003A ULN2003AI ULQ2003A ULN2004A ULQ2004A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com