Electronic Components Datasheet Search
  English  ▼

X  

ULN2003AI Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ULN2003AI
Description  ULN200x, ULQ200x High-Voltage, High-Current Darlington Transistor Arrays
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ULN2003AI Datasheet(HTML) 13 Page - Texas Instruments

Back Button ULN2003AI Datasheet HTML 9Page - Texas Instruments ULN2003AI Datasheet HTML 10Page - Texas Instruments ULN2003AI Datasheet HTML 11Page - Texas Instruments ULN2003AI Datasheet HTML 12Page - Texas Instruments ULN2003AI Datasheet HTML 13Page - Texas Instruments ULN2003AI Datasheet HTML 14Page - Texas Instruments ULN2003AI Datasheet HTML 15Page - Texas Instruments ULN2003AI Datasheet HTML 16Page - Texas Instruments ULN2003AI Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
7 Detailed Description
7.1 Overview
This standard device has proven ubiquity and versatility across a wide range of applications. This is due to
integration of 7 Darlington transistors of the device that are capable of sinking up to 500 mA and wide GPIO
range capability.
The ULN2003A device comprises seven high-voltage, high-current NPN Darlington transistor pairs. All units
feature a common emitter and open collector outputs. To maximize their effectiveness, these units contain
suppression diodes for inductive loads. The ULN2003A device has a series base resistor to each Darlington pair,
thus allowing operation directly with TTL or CMOS operating at supply voltages of 5 V or 3.3 V. The ULN2003A
device offers solutions to a great many interface needs, including solenoids, relays, lamps, small motors, and
LEDs. Applications requiring sink currents beyond the capability of a single output may be accommodated by
paralleling the outputs.
This device can operate over a wide temperature range (–40°C to 105°C).
7.2 Functional Block Diagrams
All resistor values shown are nominal. The collector-emitter diode is a parasitic structure and should not be
used to conduct current. If the collectors go below GND, an external Schottky diode should be added to clamp
negative undershoots.
COM
Output C
E
Input B
10.5 NŸ
7.2 NŸ
3 NŸ
7 V
Figure 7-1. ULN2002A Block Diagram
COM
Output C
E
Input B
RB
2.7 NŸ
7.2 NŸ
3 NŸ
Figure 7-2. ULN2003A, ULQ2003A and ULN2003AI
Block Diagram
COM
Output C
E
Input B
RB
10.5 NŸ
7.2 NŸ
3 NŸ
Figure 7-3. ULN2004A and LQ2004A Block Diagram
www.ti.com
ULN2002A, ULN2003A, ULN2003AI
ULQ2003A, ULN2004A, ULQ2004A
SLRS027S – DECEMBER 1976 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ULN2002A ULN2003A ULN2003AI ULQ2003A ULN2004A ULQ2004A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com