Electronic Components Datasheet Search
  English  ▼

X  

SC68C562 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SC68C562
Description  CMOS dual universal serial communications controller CDUSCC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C562 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SC68C562 Datasheet HTML 18Page - NXP Semiconductors SC68C562 Datasheet HTML 19Page - NXP Semiconductors SC68C562 Datasheet HTML 20Page - NXP Semiconductors SC68C562 Datasheet HTML 21Page - NXP Semiconductors SC68C562 Datasheet HTML 22Page - NXP Semiconductors SC68C562 Datasheet HTML 23Page - NXP Semiconductors SC68C562 Datasheet HTML 24Page - NXP Semiconductors SC68C562 Datasheet HTML 25Page - NXP Semiconductors SC68C562 Datasheet HTML 26Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Philips Semiconductors
Product specification
SC68C562
CMOS Dual universal serial communications controller
(CDUSCC)
1998 Sep 04
22
50
40
30
20
10
0
4
4.5
5
5.5
6
50
40
30
20
10
0
468
10
VCC
ICC
Test Condition: Tx/Rx and X1 Frequency @ 10MHz
Tx/Rx Clk and X1 Frequency
Test Condition: VCC = 5V @ 25°C
ICC
0
°C
25
°C
70
°C
SD00250
Figure 17.
IRQN
DTACKN
DONEN
ALL OTHER
OUTPUTS
50pF
150pF
2.7k
1k
+5.0V
710
6.0k
150pF
50pF
820
Ω
VCC
VCC
+5.0V
NOTE:
All CL includes 50pF stray capacitance, i.e., CL = 150pF = (100pF discrete + 50pF stray).
50pF
TRxC
RTxC
SD00270
Figure 18. Test Conditions for Outputs
X1/CLK
WRN
COMMAND
VALID
SD00219
Figure 19. Command Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com