Electronic Components Datasheet Search
  English  ▼

X  

SC68C562 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SC68C562
Description  CMOS dual universal serial communications controller CDUSCC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C562 Datasheet(HTML) 3 Page - NXP Semiconductors

  SC68C562 Datasheet HTML 1Page - NXP Semiconductors SC68C562 Datasheet HTML 2Page - NXP Semiconductors SC68C562 Datasheet HTML 3Page - NXP Semiconductors SC68C562 Datasheet HTML 4Page - NXP Semiconductors SC68C562 Datasheet HTML 5Page - NXP Semiconductors SC68C562 Datasheet HTML 6Page - NXP Semiconductors SC68C562 Datasheet HTML 7Page - NXP Semiconductors SC68C562 Datasheet HTML 8Page - NXP Semiconductors SC68C562 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Philips Semiconductors
Product specification
SC68C562
CMOS Dual universal serial communications controller
(CDUSCC)
1998 Sep 04
3
• 1X or 16X Rx and Tx clock factors
• Parity, overrun, and framing error detection
• False start bit detection
• Start bit search 1/2-bit time after framing error detection
• Break generation with handshake for counting break characters
• Detection of start and end of received break
• Character compare with optional interrupt on match
• Transmits up to 10Mb/s at 1X and receive up to 1Mb/s at 16X
data rates
Character-Oriented Protocol Features
• Character length: 5 to 8 bits
• Odd or even parity, no parity, or force parity
• LRC or CRC generation and checking
• Optional opening PAD transmission
• One or two SYN characters
• External sync capability
• SYN detection and optional stripping
• SYN or MARK line fill on underrun
• Idle in MARK or SYNs
• Parity, FCS, overrun, and underrun error detection
BISYNC Features
• EBCDIC or ASCII header, text and control messages
• SYN, DLE stripping
• EOM (end of message) detection and transmission
• Auto transparent mode switching
• Auto hunt after receipt of EOM sequence (with closing PAD check
after EOT or NAK)
• Control character sequence detection for both transparent and
normal text
Bit-Oriented Protocol Features
• Character length: 5 to 8 bits
• Detection and transmission of residual character: 0–7 bits
• Automatic switch to programmed character length for I field
• Zero insertion and deletion
• Optional opening PAD transmission
• Detection and generation of FLAG, ABORT, and IDLE bit patterns
• Detection and generation of shared (single) FLAG between
frames
• Detection of overlapping (shared zero) FLAGs
• ABORT, ABORT-FLAGs, or FCS FLAGs line fill on underrun
• Idle in MARK or FLAGs
• Secondary address recognition including group and global
address
• Single- or dual-octet secondary address
• Extended address and control fields
• Short frame rejection for receiver
• Detection and notification of received end of message
• CRC generation and checking
• SDLC loop mode capability
ORDERING INFORMATION
DESCRIPTION
VCC = +5V ±10%,
TA = 0 to +70°C
VCC = +5V ±10%,
TA = –40 to +85°C
DWG #
DESCRIPTION
Serial Data Rate =
10Mbps Maximum
Serial Data Rate =
8Mbps Maximum
DWG #
48-Pin Plastic Dual In-Line Package (DIP)
SC68C562C1N
Not available
SOT240-1
52-Pin Plastic Leaded Chip Carrier (PLCC) Package
SC68C562C1A
SC68C562A8A
SOT238-3
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
RATING
UNIT
SYMBOL
PARAMETER
COMMERCIAL
INDUSTRIAL
UNIT
TA
Operating ambient temperature2
0 to +70
-40 to +85
°C
TSTG
Storage temperature
-65 to +150
-65 to +150
°C
VCC
Voltage from VCC to GND3
–0.5 to +7.0
–0.5 to +7.0
V
VS
Voltage from any pin to ground3
–0.5 to VCC +0.5
–0.5 to VCC +0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com