Electronic Components Datasheet Search
  English  ▼

X  

SCC68692 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SCC68692
Description  Dual asynchronous receiver/transmitter DUART
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC68692 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SCC68692 Datasheet HTML 18Page - NXP Semiconductors SCC68692 Datasheet HTML 19Page - NXP Semiconductors SCC68692 Datasheet HTML 20Page - NXP Semiconductors SCC68692 Datasheet HTML 21Page - NXP Semiconductors SCC68692 Datasheet HTML 22Page - NXP Semiconductors SCC68692 Datasheet HTML 23Page - NXP Semiconductors SCC68692 Datasheet HTML 24Page - NXP Semiconductors SCC68692 Datasheet HTML 25Page - NXP Semiconductors SCC68692 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Philips Semiconductors
Product specification
SCC68692
Dual asynchronous receiver/transmitter (DUART)
1998 Sep 04
22
tPS
tPH
tPD
CSN
IP0–IP5
CSN
OP0–OP7
OLD DATA
NEW DATA
SD00150
Figure 7. Port Timing
NOTES:
1. INTRN or OP3 – OP7 when used as interrupt outputs.
2. The test for open-drain outputs is intended to guarantee switching of the output transistor. Measurement of this response is referenced from themidpoint of the switching signal, VM, to a
point 0.5V above VOL. This point represents noise margin that assures true switching has occurred. Beyond this level, the effects of external circuitry and test environment are pronounced
and can greatly affect the resultant measurement.
VM
VOL +0.5V
VOL
RDN
OR
WRN
INTERRUPT1
OUTPUT
tIR
SD00090
Figure 8. Interrupt Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com