Electronic Components Datasheet Search
  English  ▼

X  

SCC68692 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SCC68692
Description  Dual asynchronous receiver/transmitter DUART
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC68692 Datasheet(HTML) 3 Page - NXP Semiconductors

  SCC68692 Datasheet HTML 1Page - NXP Semiconductors SCC68692 Datasheet HTML 2Page - NXP Semiconductors SCC68692 Datasheet HTML 3Page - NXP Semiconductors SCC68692 Datasheet HTML 4Page - NXP Semiconductors SCC68692 Datasheet HTML 5Page - NXP Semiconductors SCC68692 Datasheet HTML 6Page - NXP Semiconductors SCC68692 Datasheet HTML 7Page - NXP Semiconductors SCC68692 Datasheet HTML 8Page - NXP Semiconductors SCC68692 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Philips Semiconductors
Product specification
SCC68692
Dual asynchronous receiver/transmitter (DUART)
1998 Sep 04
3
PIN CONFIGURATIONS
24
23
22
21
20
19
18
17
16
15
28
27
12
10
11
9
8
7
6
5
4
3
2
1
14
13
26
25
29
30
31
32
33
34
35
36
37
38
39
40
A1
IP3
A2
IP1
A3
A4
IP0
R/WN
DTACKN
RxDB
TxDB
OP1
OP3
OP5
OP7
D1
D3
D5
D7
GND
INTRN
D6
D4
D2
D0
OP6
OP4
OP2
OP0
TxDA
RxDA
X1/CLK
X2
RESETN
CSN
IP2
IACKN
IP5
IP4
VCC
PIN/FUNCTION
PIN/FUNCTION
1NC
23 NC
2
A1
24 INTRN
3
IP3
25 D6
4A2
26 D4
5
IP1
27 D2
6A3
28 D0
7
A4
29 OP6
8
IP0
30 OP4
9
R/WN
31 OP2
10 DTACKN
32 OP0
11
RxDB
33 TxDA
12 NC
34 NC
13 TxDB
35 RxDA
14 OP1
36 X1/CLK
15 OP3
37 X2
16 OP5
38 RESETN
17 OP7
39 CSN
18 D1
40 IP2
19 D3
41 IACKN
20 D5
42 IP5
21 D7
43 IP4
22 GND
44 VCC
1
39
17
28
40
29
18
7
PLCC
6
TOP VIEW
INDEX
CORNER
DIP
SD00144
Figure 1. Pin Configurations
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
RATING
UNIT
TA2
Operating ambient temperature range
Note 4
°C
TSTG
Storage temperature range
-65 to +150
°C
VCC3
Voltage from VCC to GND
-0.5 to +7.0
V
VS3
Voltage from any pin to GND
-0.5 to VCC +0.5
V
P
Package power dissipation
DIP40
2.97
W
PD
Package power dissipation
PLCC44
2.66
W
Derating factor above 25
°C
DIP40
24
mW/
°C
Derating factor above 25
°C
PLCC44
21
mW/
°C
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other condition above those indicated in the operation section of this specification is not implied.
2. For operating at elevated temperatures, the device must be derated.
3. This product includes circuitry specifically designed for the protection of its internal devices from damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying any voltages larger than the rated maxima.
4. Parameters are valid over specified temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com