Electronic Components Datasheet Search
  English  ▼

X  

AH3713 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AH3713
Description  HIGH-VOLTAGE HALL-EFFECT LATCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3713 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AH3713 Datasheet HTML 4Page - Diodes Incorporated AH3713 Datasheet HTML 5Page - Diodes Incorporated AH3713 Datasheet HTML 6Page - Diodes Incorporated AH3713 Datasheet HTML 7Page - Diodes Incorporated AH3713 Datasheet HTML 8Page - Diodes Incorporated AH3713 Datasheet HTML 9Page - Diodes Incorporated AH3713 Datasheet HTML 10Page - Diodes Incorporated AH3713 Datasheet HTML 11Page - Diodes Incorporated AH3713 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AH3713/AH3713A/AH3714/AH3714A
AH3715/AH3716/AH3717
Document number: DS46066 Rev. 1 - 2
8 of 21
www.diodes.com
October 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved
AH3713/AH3713A/AH3714/AH3714A
AH3715/AH3716/AH3717
Typical Operating Characteristics (continued)
Output Leakage Current
Output Current Limit
Output Pullup Resistor (Internal)
– AH3713A/AH3714A
0
0.5
1
1.5
2
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
V
OUT Voltage
TA = +25°C , VDD = 12V
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
150
Temperature (℃)
V
OUT = 5V
V
OUT = 12V
V
OUT = 27V
V
DD = 12V
30
32.5
35
37.5
40
42.5
45
47.5
50
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Supply Voltage (V)
TA = +25°C
36
37
38
39
40
41
42
43
44
45
46
47
-50
-25
0
25
50
75
100
125
150
Temperature (℃)
10
10.5
11
11.5
12
12.5
13
13.5
14
14.5
15
15.5
16
2
4
6
8
10
12
14
16
18
20
22
24
26
28
Supply Voltage (V)
TA = +25°C
10
11
12
13
14
15
16
-50
-25
0
25
50
75
100
125
Temperature (
°C)
Output Leakage Current vs. VOUT Voltage
Output Leakage Current vs. VOUT Voltage
Output Current Limit vs. Supply Voltage
Output Current Limit vs. Temperature
27V
12V
3V
Internal Output Pullup Resistor vs. Supply Voltage
Internal Output Pullup Resistor vs. Temperature
12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com