Electronic Components Datasheet Search
  English  ▼

X  

AH3713 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH3713
Description  HIGH-VOLTAGE HALL-EFFECT LATCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3713 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH3713 Datasheet HTML 1Page - Diodes Incorporated AH3713 Datasheet HTML 2Page - Diodes Incorporated AH3713 Datasheet HTML 3Page - Diodes Incorporated AH3713 Datasheet HTML 4Page - Diodes Incorporated AH3713 Datasheet HTML 5Page - Diodes Incorporated AH3713 Datasheet HTML 6Page - Diodes Incorporated AH3713 Datasheet HTML 7Page - Diodes Incorporated AH3713 Datasheet HTML 8Page - Diodes Incorporated AH3713 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AH3713/AH3713A/AH3714/AH3714A
AH3715/AH3716/AH3717
Document number: DS46066 Rev. 1 - 2
2 of 21
www.diodes.com
October 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved
AH3713/AH3713A/AH3714/AH3714A
AH3715/AH3716/AH3717
Typical Applications Circuit (Note 4)
AH371x
3.0V to 27V
OUTPUT
GND
RL
CIN
VDD
AH371xA
3.0V to 27V
OUTPUT
GND
CIN
VDD
Note:
4. CIN is for power stabilization and to strengthen the noise immunity, the recommended capacitance is 10nF to 100nF. RL is the pullup resistor.
Pin Descriptions
Packages: SOT23 (Type S), SC59 and SIP-3 (Bulk Pack)
Pin Number
Pin Name
Function
1
VDD
Power Supply Input
2
GND
Ground
3
OUTPUT
Output Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com