Electronic Components Datasheet Search
  English  ▼

X  

SF13 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # SF13
Description  1.0A SUPERFAST DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SF13 Datasheet(HTML) 4 Page - Won-Top Electronics

  SF13 Datasheet HTML 1Page - Won-Top Electronics SF13 Datasheet HTML 2Page - Won-Top Electronics SF13 Datasheet HTML 3Page - Won-Top Electronics SF13 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SF11 – SF17
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
SF11-T3
DO-41
5000/Tape & Reel
SF11-TB
DO-41
5000/Tape & Box
SF11
DO-41
1000 Units/Box
SF12-T3
DO-41
5000/Tape & Reel
SF12-TB
DO-41
5000/Tape & Box
SF12
DO-41
1000 Units/Box
SF13-T3
DO-41
5000/Tape & Reel
SF13-TB
DO-41
5000/Tape & Box
SF13
DO-41
1000 Units/Box
SF14-T3
DO-41
5000/Tape & Reel
SF14-TB
DO-41
5000/Tape & Box
SF14
DO-41
1000 Units/Box
SF15-T3
DO-41
5000/Tape & Reel
SF15-TB
DO-41
5000/Tape & Box
SF15
DO-41
1000 Units/Box
SF16-T3
DO-41
5000/Tape & Reel
SF16-TB
DO-41
5000/Tape & Box
SF16
DO-41
1000 Units/Box
SF17-T3
DO-41
5000/Tape & Reel
SF17-TB
DO-41
5000/Tape & Box
SF17
DO-41
1000 Units/Box
1.
Products listed in bold are WTE Preferred devices.
2.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
3.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, SF11-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com