Electronic Components Datasheet Search
  English  ▼

X  

SF13 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SF13
Description  1.0A SUPERFAST DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SF13 Datasheet(HTML) 1 Page - Won-Top Electronics

  SF13 Datasheet HTML 1Page - Won-Top Electronics SF13 Datasheet HTML 2Page - Won-Top Electronics SF13 Datasheet HTML 3Page - Won-Top Electronics SF13 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SF11 – SF17
1 of 4
© 2006 Won-Top Electronics
Pb
SF11 – SF17
1.0A SUPERFAST DIODE
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: DO-41, Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.34 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SF11
SF12
SF13
SF14
SF15
SF16
SF17
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
600
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
210
280
420
V
Average Rectified Output Current
(Note 1)
@TA = 55°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
0.95
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 2)
trr
35
nS
Typical Junction Capacitance (Note 3)
Cj
50
30
pF
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
DO-41
Dim
Min
Max
A
25.4
—
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm


Similar Part No. - SF13

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF13 MOSPEC-SF13 Datasheet
137Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
logo
Won-Top Electronics
SF13 WTE-SF13 Datasheet
46Kb / 3P
1.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF13 ZOWIE-SF13 Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF13 RECTRON-SF13 Datasheet
27Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
logo
Jinan Gude Electronic D...
SF13 JGD-SF13 Datasheet
161Kb / 2P
1.0 AMP. SUPER FAST RECTIFIERS
More results

Similar Description - SF13

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
EFS1J WTE-EFS1J Datasheet
52Kb / 4P
1.0A LOW VF SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER1A WTE-ER1A_06 Datasheet
54Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES1A WTE-ES1A_06 Datasheet
54Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Zibo Seno Electronic En...
SF11 ZSELEC-SF11 Datasheet
115Kb / 2P
1.0A SUPERFAST RECTIFIER
1E1 ZSELEC-1E1 Datasheet
141Kb / 2P
1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
ER1A ZSELEC-ER1A Datasheet
150Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER101 ZSELEC-ER101 Datasheet
136Kb / 2P
1.0A SUPERFAST RECTIFIER
ES1A ZSELEC-ES1A Datasheet
139Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES1AW ZSELEC-ES1AW Datasheet
146Kb / 2P
1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
ES1000FL ZSELEC-ES1000FL Datasheet
141Kb / 2P
1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com