Electronic Components Datasheet Search
  English  ▼

X  

ADN4604 Datasheet(PDF) 11 Page - Analog Devices

Part # ADN4604
Description  4.25 Gbps, 16 × 16, Digital Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4604 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADN4604 Datasheet HTML 7Page - Analog Devices ADN4604 Datasheet HTML 8Page - Analog Devices ADN4604 Datasheet HTML 9Page - Analog Devices ADN4604 Datasheet HTML 10Page - Analog Devices ADN4604 Datasheet HTML 11Page - Analog Devices ADN4604 Datasheet HTML 12Page - Analog Devices ADN4604 Datasheet HTML 13Page - Analog Devices ADN4604 Datasheet HTML 14Page - Analog Devices ADN4604 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Data Sheet
ADN4604
Rev. A | Page 11 of 40
50Ω CABLES
2
2
TP3
HIGH
SPEED
SAMPLING
OSCILLOSCOPE
50Ω CABLES
2
2
50Ω
ADN4604
AC-COUPLED
EVALUATION
BOARD
INPUT
PIN
OUTPUT
PIN
PATTERN
GENERATOR
DATA OUT
TP1
50Ω CABLES
2
2
TP2
FR4 TEST BACKPLANE
DIFFERENTIAL
STRIPLINE TRACES
8mils WIDE, 8mils SPACE,
8mils DIELECTRIC HEIGHT
LENGTHS = 10 INCHES, 20 INCHES,
30 INCHES, 40 INCHES
0.167IU/DIV
REFERENCE EYE DIAGRAM AT TP1
Figure 11. Equalization Test Circuit
0.167IU/DIV
Figure 12. 4.25 Gbps Input Eye, 20 Inch FR4 Input Channel
(TP2 from Figure 11)
0.167IU/DIV
Figure 13. 4.25 Gbps Input Eye, 40-Inch FR4 Input Channel
(TP2 from Figure 11)
0.167IU/DIV
Figure 14. 4.25 Gbps Output Eye, 20-Inch FR4 Input Channel, EQ = 12 dB
(TP3 from Figure 11)
0.167IU/DIV
Figure 15. 4.25 Gbps Output Eye, 40-Inch FR4 Input Channel, EQ = 12 dB
(TP3 from Figure 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com