Electronic Components Datasheet Search
  English  ▼

X  

ADN4604 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN4604
Description  4.25 Gbps, 16 × 16, Digital Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4604 Datasheet(HTML) 3 Page - Analog Devices

  ADN4604 Datasheet HTML 1Page - Analog Devices ADN4604 Datasheet HTML 2Page - Analog Devices ADN4604 Datasheet HTML 3Page - Analog Devices ADN4604 Datasheet HTML 4Page - Analog Devices ADN4604 Datasheet HTML 5Page - Analog Devices ADN4604 Datasheet HTML 6Page - Analog Devices ADN4604 Datasheet HTML 7Page - Analog Devices ADN4604 Datasheet HTML 8Page - Analog Devices ADN4604 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Data Sheet
ADN4604
Rev. A | Page 3 of 40
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
VCC = 3.3 V, VTTIx = 3.3 V, VTTOx = 3.3 V, DVCC = 3.3 V, VEE = 0 V, RL = 50 Ω, data rate = 4.25 Gbps, ac-coupled inputs and outputs, differential
input swing = 800 mV p-p, TA = 27°C, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Data Rate (DR) per Channel (NRZ)
DC
4.25
Gbps
Deterministic Jitter
Data rate = 4.25 Gbps, no channel
20
ps p-p
Random Jitter
RMS, no channel
1
ps rms
Residual Deterministic Jitter with
Receive Equalization
Data rate = 4.25 Gbps, 20 in. FR4, EQ boost = 12 dB
27
ps p-p
Data rate = 4.25 Gbps, 30 in. FR4, EQ boost = 12 dB
43
ps p-p
Data rate = 4.25 Gbps, 40 in. FR4, EQ boost = 12 dB
70
ps p-p
Residual Deterministic Jitter with
Transmit Preemphasis
Data rate = 4.25 Gbps, 20 in. FR4, PE boost = 4.2 dB
23
ps p-p
Data rate = 4.25 Gbps, 30 in. FR4, PE boost = 6 dB
25
ps p-p
Data rate = 4.25 Gbps, 40 in. FR4, PE boost = 6 dB
35
ps p-p
Propagation Delay
Input to output, EQ boost = 12 dB
800
ps
Channel-to-Channel Skew
±50
ps
Switching Time
Measured from VIL level of falling edge of update to 50%
of output signal transition
100
ns
Output Rise/Fall Time
20% to 80%
75
ps
INPUT CHARACTERISTICS
Differential Input Voltage Swing
VICM1 = VCC − 0.6 V; VCC = VMIN to VMAX, TA = TMIN to TMAX
200
2000
mV p-p diff
Input Voltage Range
Single-ended absolute voltage level, VL
VEE + 1.1
V
Single-ended absolute voltage level, VH
VCC + 0.3
V
OUTPUT CHARACTERISTICS
Output Voltage Swing
Differential, PE boost = 0 dB, default output level, at dc
600
800
900
mV p-p diff
Output Voltage Range
Single-ended absolute voltage level, VL
VCC – 1.3
V
Single-ended absolute voltage level, VH
VCC + 0.2
V
Per-Port Output Current
PE boost = 0 dB, default output level
16
mA
PE boost = 6 dB, default output level
32
mA
TERMINATION CHARACTERISTICS
Resistance
Single-ended, VCC = 2.7 V to 3.6 V, VTTI = 2.2 V to 3.6 V,
VTTO = 2.2 V to 3.6 V, TA = TMIN to TMAX;
44
50
56
Ω
Temperature Coefficient
0.025
Ω/°C
POWER SUPPLY
Operating Range
VCC
VEE = 0 V
2.7
3.3
3.6
V
DVCC
VEE = 0 V
2.7
3.3
3.6
V
VTTIE, VTTIW
VEE = 0 V, VCC = 3.3 V
1.3
3.3
VCC + 0.3
V
VTTON, VTTOS
VEE = 0 V, VCC = 3.3 V
2.22
3.3
VCC + 0.3
V
Supply Current
Outputs disabled
ICC
95
110
mA
IDVCC
20
35
mA
ITTIE + ITTIW + ITTON + ITTOS
0
10
mA
Supply Current
All outputs enabled, ac-coupled I/O, 400 mV I/O swings
(800 mV p-p differential), PE boost = 0 dB,
50 Ω far-end terminations
ICC
342
370
mA
IDVCC
20
35
mA
ITTIE + ITTIW + ITTON + ITTOS
256
280
mA
Supply Current
All outputs enabled, ac-coupled I/O, 400 mV I/O swings
(800 mV p-p differential), PE boost = 6 dB,
50 Ω far-end terminations
ICC
486
540
mA
IDVCC
20
35
mA
ITTIE + ITTIW + ITTON + ITTOS
512
540
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com