Electronic Components Datasheet Search
  English  ▼

X  

HMC855LC5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC855LC5
Description  28 Gbps, 1:4 DEMUX w/ PROGRAMMABLE OUTPUT VOLTAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC855LC5 Datasheet(HTML) 1 Page - Analog Devices

  HMC855LC5 Datasheet HTML 1Page - Analog Devices HMC855LC5 Datasheet HTML 2Page - Analog Devices HMC855LC5 Datasheet HTML 3Page - Analog Devices HMC855LC5 Datasheet HTML 4Page - Analog Devices HMC855LC5 Datasheet HTML 5Page - Analog Devices HMC855LC5 Datasheet HTML 6Page - Analog Devices HMC855LC5 Datasheet HTML 7Page - Analog Devices HMC855LC5 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC855LC5
v02.0614
28 Gbps, 1:4 DEMUX
w/ PROGRAMMABLE OUTPUT VOLTAGE
The HMC855LC5 is a 1:4 demultiplexer designed for
data deserialization up to 28 Gbps. The device uses
both rising and falling edges of the half-rate clock to
sample the input data in sequence, D0-D3 and latches
the data onto the differential outputs. A quarter-rate
clock output generated on chip can be used to clock
the data into other devices. The demux is DC coupled
supporting broadband operation.
All clock and data inputs to the HMC855LC5 are CML
and terminated on-chip with 50 Ohms to the positive
supply, GND, and may be DC or AC coupled. The
differential outputs are source terminated to 50 Ohms
and may also be AC or DC coupled. Outputs can be
connected directly to a 50 Ohm ground terminated
system, or drive devices with CML logic input. The
HMC855LC5 also features an output level control
pin, VR, which allows for loss compensation or signal
level optimization. The HMC855LC5 operates from a
single -3.3V supply and is available in RoHS compliant
5x5 mm SMT package.
General Description
Features
Functional Diagram
Differential & Singe-Ended Operation
Half Rate Clock Input
Quarter Rate Reference Clock Output
Fast Rise and Fall Times: 22 ps
Low Power Consumption: 644 mW typ.
Programmable Differential
Output Voltage Swing: 450 - 1144 mV
Single Supply: -3.3V
32 Lead Ceramic 5x5 mm SMT Package: 25 mm2
Typical Applications
The HMC855LC5 is ideal for:
• SONET OC-192
• Broadband Test & Measurement
• Serial Data Transmission up to 28 Gbps
• FPGA Interfacing
Electrical Specifications, TA = +25°C, Vee = -3.3V, VR = 0V
Parameter
Conditions
Min.
Typ.
Max
Units
Power Supply Voltage
-3.6
-3.3
-3.0
V
Power Supply Current
195
mA
Maximum Data Rate
28
Gbps
Maximum Clock Rate, Half Rate
14
GHz
Input Voltage Range, CML
-1.5
0.5
V
Input Differential Voltage
100
2000
mV
Output Rise / Fall Time
Differential, 20% - 80%
22
ps
Input Return Loss
Frequency <28 GHz
10
dB
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC855LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC855LC5 HITTITE-HMC855LC5 Datasheet
788Kb / 8P
28 Gbps, 1:4 DEMUX WITH PROGRAMMABLE OUTPUT VOLTAGE
More results

Similar Description - HMC855LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC748LC3C HITTITE-HMC748LC3C Datasheet
287Kb / 8P
13 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC853LC3C HITTITE-HMC853LC3C_09 Datasheet
289Kb / 8P
28 Gbps, D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC848LC5 HITTITE-HMC848LC5 Datasheet
1Mb / 10P
45 Gbps, 1:4 DEMUX WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC678LC3C HITTITE-HMC678LC3C Datasheet
633Kb / 8P
13 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC748LC3C HITTITE-HMC748LC3C_11 Datasheet
553Kb / 8P
14 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC854LC5 HITTITE-HMC854LC5 Datasheet
1Mb / 10P
28 Gbps, 4:1 MUX WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC855LC5 HITTITE-HMC855LC5 Datasheet
788Kb / 8P
28 Gbps, 1:4 DEMUX WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC954LC4B HITTITE-HMC954LC4B Datasheet
878Kb / 8P
32 Gbps, 2:1 Mux w/ Programmable Output Voltage
HMC955LC4B HITTITE-HMC955LC4B Datasheet
887Kb / 8P
32 Gbps, 1:2 Demux w/ Programmable Output Voltage
logo
Analog Devices
HMC850LC3 AD-HMC850LC3 Datasheet
1Mb / 8P
28 Gbps, 1:2 FANOUT BUFFER WITH PROGRAMMABLE OUTPUT VOLTAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com