Electronic Components Datasheet Search
  English  ▼

X  

HMC855LC5 Datasheet(PDF) 2 Page - Analog Devices

Part # HMC855LC5
Description  28 Gbps, 1:4 DEMUX w/ PROGRAMMABLE OUTPUT VOLTAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC855LC5 Datasheet(HTML) 2 Page - Analog Devices

  HMC855LC5 Datasheet HTML 1Page - Analog Devices HMC855LC5 Datasheet HTML 2Page - Analog Devices HMC855LC5 Datasheet HTML 3Page - Analog Devices HMC855LC5 Datasheet HTML 4Page - Analog Devices HMC855LC5 Datasheet HTML 5Page - Analog Devices HMC855LC5 Datasheet HTML 6Page - Analog Devices HMC855LC5 Datasheet HTML 7Page - Analog Devices HMC855LC5 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
2
HMC855LC5
v02.0614
28 Gbps, 1:4 DEMUX
w/ PROGRAMMABLE OUTPUT VOLTAGE
Electrical Specifications (continued)
Parameter
Conditions
Min.
Typ.
Max
Units
Output Amplitude
Single-Ended, peak-to-peak
500
mVp-p
Differential, peak-to-peak
1000
mVp-p
Output High Voltage
0
mV
Output Low Voltage
-500
mV
Output Return Loss
Frequency <22 GHz
10
dB
Propagation Delay Clock to Data, Tpdd
149
ps
Propagation Delay Clock to
Output Clock, Tpdc
142
ps
Set Up Time, ts
16
ps
Hold Time, th
3
ps
[1] VR = 0.0V
[2] Frequency = 28 Gbps
[3] Vee = -3.3V
DC Current vs. Supply Voltage [1] [2]
Output Differential
vs. Supply Voltage [1] [2]
Output Differential vs. VR [2][3]
DC Current vs. VR [2][3]
150
160
170
180
190
200
210
220
230
240
-3.7
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
-2.9
+25C
+85C
-40C
SUPPLY VOLTAGE (V)
300
400
500
600
700
800
900
1000
1100
1200
1300
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
+25C
+85C
-40C
VR (V)
600
700
800
900
1000
1100
1200
1300
-3.7
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
-2.9
+25C
+85C
-40C
SUPPLY VOLTAGE (V)
130
140
150
160
170
180
190
200
210
220
230
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
+25C
+85C
-40C
VR (V)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com