Electronic Components Datasheet Search
  English  ▼

X  

SRM400 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SRM400
Description  Sonar Ranging Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SRM400 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SRM400 Datasheet HTML 1Page - List of Unclassifed Manufacturers SRM400 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sonar Ranging Module
SRM400
Electronic Circuit Diagram
Test "B"
Vcc
Vref
Test "E"
Vcc
Test "D"
Vref
Test "F"
Test "C"
Vref
Vref
Vref
Vcc
Vreg
Vcc
Vref
Test "A"
High Level Pulse
Echo
IFT
1
3
2
4
MMBT3904
2.7K
13K
10n
1K
680p
6.8K
Ultrasonic Transducer
2200p
33K
1
2
3
1
2
3
100u
22p
680p
100
20K
BSS123
1
2
3
220u
4.7K
47K
BAV99
10K
100u
100u
10n
BAV99
4.7K
470p
400EP14D
14
17
PW0268
7
2200p
9
13
MCU
3
2
15
16
10
18
511
19
11
1.5K
3.3K
8
5
660KHZ
1
12
4
20
6
User
Side
Signals at different test points:
works with transducer model 400EP18A against a hard target of size of 20cmL*20cmW*1cmT at distance of 50cm
“A” Point: Control Pulse (from MCU)
“B” Point: Tone bursts Signal
H: 0.5ms/div
V: 5V/div
H: 0.5ms/div
V: 5V/div
“C” Point: Transducer loading
“D” Point: 1
st Pre-Amplifier
H: 0.5ms/div
V: 50V/div
H: 0.5ms/div
V: 20mV/div
“E” Point: Main 32 Steps TCG Amplifier
“F” Point: Digital Echo signal Output
H: 0.5ms/div
V: 1V/div
H: 0.5ms/div
V: 5V/div
Refer to PW-0268 Sonar Ranging IC for detail information.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com