Electronic Components Datasheet Search
  English  ▼

X  

SRM400 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SRM400
Description  Sonar Ranging Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SRM400 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SRM400 Datasheet HTML 1Page - List of Unclassifed Manufacturers SRM400 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sonar Ranging Module
SRM400
The SRM400 is a sonar ranging module
utilizing our new developed Sonar Ranging IC,
PW-0268, which can work with all our PT or
EP type transducers. SRM400 provides as a
shortcut to develop car reversing systems or
some other distance measurement systems for
design engineers who are not very familiar
with analog circuit and/or the operation of
ultrasonic transducers. By using this module
engineers can focus firstly on the other fields of
digital circuit and software designs as well as
some other mechanical issues. After first stage
then you can either design your own analog
circuit based on the module construction or
consult with factory for making your own
module for your special needs.
Features:
Operating Voltage: 6 – 10Vdc single source
Operating Frequency: broadband output
ranging up to 250KHz
Built-in variable RC oscillator matching
transducers with different frequencies
High Gain Amplifier: varies with time over
32 steps
Integrated
Band
Pass
Filter:
reduces
external component count,
Bi-direction I/O Pin: simplifies the control
function for transmitting a pulse and
receiving an echo
An adjustable System Clock: enables the
control of, the number of pulses transmitted,
the slope of the variable gain amplifier, and
the pulse repetition rate
Board size: 27.9 * 18 mm (L*W)
Specification:
Operation voltage
DC6 - 10V
Operation current
<20 mA @DC10V
Oscillation frequency
Variable RC oscillator
Amplifier gain
Pre-Amplifier
14 dB
2
nd Stage Amplifier 30 dB
Time controlled 32
steps main
amplifier
35 dB max.
Fc: 38 KHz
Bandwidth: 20KHz
Bandpass filter
Insertion loss: 1 dB
Driving voltage
(no load)
130Vpp;
pulse width 0.5ms
Bi-directional I/O
Input signal Open collector pull low
Output 0..05*Vcc to 0.9*Vcc
digital echo signals
Measuring distance
25 – 150 cm
SRM400 includes:
1. Module board
2. 400EP14D enclosed type transducer of
asymmetrical beam patterns, see detail
specification of 400EP14D.
3. Detail electrical schematic
S. Square Enterprise Company Limited
Pro-Wave Electronics Corporation
P.O. Box 1-70 Chung Ho, Taiwan, ROC; E-mail:
prowave@ms3.hinet.net; Tel: 886-2-22465101(5 lines), 22459774; Fax: 886-2-22465105
http://www.s2.com.tw ; http://www.prowave.com.tw


Similar Part No. - SRM400

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SRM4010 MICROSEMI-SRM4010 Datasheet
231Kb / 11P
40A Synchronous Rectifier Module
logo
DONGGUAN YOU FENG WEI E...
SRM40L45CT YFWDIODE-SRM40L45CT Datasheet
1,015Kb / 4P
Trench MOS Barrier Schottky Rectifier
SRM40L45CT YFWDIODE-SRM40L45CT Datasheet
1Mb / 4P
Low VF Schottky Rectifier
SRM40L45CT YFWDIODE-SRM40L45CT_V01 Datasheet
1Mb / 4P
Low VF Schottky Rectifier
SRM40L45DC YFWDIODE-SRM40L45DC Datasheet
1,015Kb / 4P
Trench MOS Barrier Schottky Rectifier
More results

Similar Description - SRM400

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8413 AMSCO-AS8413 Datasheet
125Kb / 15P
HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
logo
Texas Instruments
TL851 TI-TL851 Datasheet
82Kb / 6P
SONAR RANGING CONTROL
logo
List of Unclassifed Man...
PW0268 ETC2-PW0268 Datasheet
534Kb / 14P
Ultrasonic Sonar Ranging IC
logo
Texas Instruments
TL852 TI1-TL852_12 Datasheet
586Kb / 12P
SONAR RANGING RECEIVER
TL851CDR TI-TL851CDR Datasheet
585Kb / 13P
SONAR RANGING CONTROL
TL851CDR TI1-TL851CDR Datasheet
585Kb / 13P
SONAR RANGING CONTROL
logo
Murata Manufacturing Co...
MA58MF14-7N MURATA-MA58MF14-7N Datasheet
186Kb / 3P
Back sonar for automotive
logo
List of Unclassifed Man...
9201 ETC2-9201 Datasheet
2Mb / 4P
Multi-ranging operation
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE_18 Datasheet
346Kb / 4P
Radar and sonar processing
ADLQM87HD ADL-ADLQM87HD_18 Datasheet
573Kb / 4P
Radar and sonar processing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com