Electronic Components Datasheet Search
  English  ▼

X  

SS0530 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SS0530
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SS0530 Datasheet(HTML) 2 Page - Won-Top Electronics

  SS0530 Datasheet HTML 1Page - Won-Top Electronics SS0530 Datasheet HTML 2Page - Won-Top Electronics SS0530 Datasheet HTML 3Page - Won-Top Electronics SS0530 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS0520 – SS0540
2 of 4
© 2006 Won-Top Electronics
0
0.25
0.50
0
50
100
150
T , LEAD TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
L
°
0.75
1.0
25
75
125
0.01
0.1
1.0
10
0.2
0
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
T= 25 C
Pulse width = 300 s
2% duty cycle
j
°
µ
SS
0530
SS
0540
SS0
520
V , REVERSE VOLTAGE (V)
R
Fig.3 Typ. Junction Capacitance vs Reverse Voltage
1000
1.0
10
100
0
5
10
15
20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com